Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1433 Datasheet (PDF) - IET Labs Inc.

1433 Datasheet PDF - IET Labs Inc.
Part # 1433
Download  1433 Download
File Size   195.12 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Precision Decade Resistor

1433 Datasheet (PDF)

Go To PDF Page Download Datasheet
1433 Datasheet PDF - IET Labs Inc.

Part # 1433
Download  1433 Click to download

File Size   195.12 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Precision Decade Resistor

1433 Datasheet (HTML) - IET Labs Inc.


1433 Product details

Features:
• Resistance range from 1 mΩ to 111 MΩ
• High accuracy: 0.01% up to 10 MΩ
• Low temperature coeffi cient
• Good frequency characteris cs
• Excellent stability
• Low zero resistance
• Rack mount op on available




Similar Part No. - 1433

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1433 ETC2-1433 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
API Technologies Corp
1433 APITECH-1433 Datasheet
175Kb / 1P
High Power, N Connectors
logo
Multicomp Pro
1433 MULTICOMP-1433 Datasheet
225Kb / 2P
Split Loom Flame Retardant Polyethylene, Grey
25/05/20 V1.0
logo
Keystone Electronics Co...
1433 KEYSTONE-1433 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
API Technologies Corp
1433-3 APITECH-1433-3 Datasheet
175Kb / 1P
High Power, N Connectors
More results


Similar Description - 1433

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
RUG-Z RHOPOINT-RUG-Z Datasheet
52Kb / 1P
Precision Resistor
logo
List of Unclassifed Man...
1776-C67 ETC2-1776-C67 Datasheet
222Kb / 2P
Precision Decade Resistor Voltage Dividers
logo
RHOPOINT COMPONENTS
PBH-R100-F1-1 RHOPOINT-PBH-R100-F1-1 Datasheet
35Kb / 2P
Precision Resistor
PBV-R001-F1-1 RHOPOINT-PBV-R001-F1-1 Datasheet
36Kb / 2P
Precision Resistor
PLC-R010-5 RHOPOINT-PLC-R010-5 Datasheet
32Kb / 2P
Precision Resistor
PMA-C-R010-5 RHOPOINT-PMA-C-R010-5 Datasheet
88Kb / 2P
Precision Resistor
SMV-R003-5 RHOPOINT-SMV-R003-5 Datasheet
66Kb / 2P
Precision Resistor
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
IET Labs Inc.
1413 IET-1413 Datasheet
240Kb / 2P
Precision Decade Capacitor
Aug. 2015
1423 IET-1423 Datasheet
236Kb / 1P
Precision Decade Capacitor
Dec. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com