Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1546 Datasheet (PDF) - IET Labs Inc.

1546 Datasheet PDF - IET Labs Inc.
Part # 1546
Download  1546 Download
File Size   1047.18 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Electronic Stroboscope

1546 Datasheet (PDF)

Go To PDF Page Download Datasheet
1546 Datasheet PDF - IET Labs Inc.

Part # 1546
Download  1546 Click to download

File Size   1047.18 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Electronic Stroboscope

1546 Datasheet (HTML) - IET Labs Inc.


1546 Product details

Features
Environment:
Temperature: 0 to 50°C operating, -40°C to + 75°C storage.
Humidity: 95% RH at + 40°C (MIL E-16400-44.5.4.6).
Vibration: 0.03 in DA from 10 to 55 Hz.
Bench Handling: 4 in or 45°C (MIL-810A-VI).
Shock: 30 g, 11 ms.
Power: 105 to 125 V, 50 to 60 Hz, 20 W.
Mechanical: Molded plastic case with plastic face plate to protect
lamp, diff used-fi nish and anodized-aluminum refl ector, standard 0.25-
20 threaded hole for tripod mounting or handle grip.
Dimensions: 10.952 cm H x 10.795 cm W x 23.495 cm D
(4.312" x 4.25" x 9.25")
Weight: 1.2 kg (2.65 lb.) net, 1.55 kg (3.4 lb.) shipping




Similar Part No. - 1546

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1546 ETC2-1546 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
1546 ETC2-1546 Datasheet
336Kb / 1P
SWAGE THREADED STANDOFFS
1546 ETC2-1546 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Tyco Electronics
1546018-2 MACOM-1546018-2 Datasheet
98Kb / 1P
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
1546018-3 MACOM-1546018-3 Datasheet
98Kb / 1P
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
More results


Similar Description - 1546

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
ELECTRONIC VOLUME
logo
ON Semiconductor
NIS5112 ONSEMI-NIS5112 Datasheet
96Kb / 9P
Electronic Fuse
November, 2006 ??Rev. 4
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
Tachometer electronic
N214 IVO-N214 Datasheet
456Kb / 2P
Totalizers electronic
logo
Extech Instruments Corp...
461825 EXTECH-461825 Datasheet
71Kb / 6P
Combination Photo-Tachometer Stroboscope
461830 EXTECH-461830 Datasheet
158Kb / 8P
Digital Stroboscope Tachometer
logo
List of Unclassifed Man...
CH-8BK ETC2-CH-8BK Datasheet
256Kb / 3P
ELECTRONIC ENCLOSURES
logo
IET Labs Inc.
1542 IET-1542 Datasheet
106Kb / 2P
Electronic Stroboscope
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com