Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1620 Datasheet (PDF) - IET Labs Inc.

1620 Datasheet PDF - IET Labs Inc.
Part # 1620
Download  1620 Download
File Size   240.9 Kbytes
Page   4 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Precision Capacitance Measurement System

1620 Datasheet (PDF)

Go To PDF Page Download Datasheet
1620 Datasheet PDF - IET Labs Inc.

Part # 1620
Download  1620 Click to download

File Size   240.9 Kbytes
Page   4 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Precision Capacitance Measurement System

1620 Datasheet (HTML) - IET Labs Inc.


1620 Product details

Features
Power: 105 to 125 V and 210 to 250 V, 50 to 400
Hz, 22 W for oscillator.
Dimensions:
Bench: 48.3 cm H x 50.2 cm W x 28.0 cm D (19" x 19.75" x 11")
Weight: 27 kg (59 lb.) net, 44 kg (96 lb.) shipping




Similar Part No. - 1620

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1620 CANDD-1620 Datasheet
248Kb / 2P
Dual and Quad Data-bus Isolators
logo
3M Electronics
1620 3M-1620 Datasheet
30Kb / 1P
Shielded Bags, Standard and Zipped
logo
Abbatron All Rights Res...
1620 ABBATRON-1620 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
1620 ADAFRUIT-1620 Datasheet
72Kb / 1P
USB Cable with Switch
logo
ETAL Group
1620-1 ETAL-1620-1 Datasheet
229Kb / 2P
Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
More results


Similar Description - 1620

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4371A HP-N4371A Datasheet
256Kb / 4P
RIN Measurement System
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
Definition of optical measurement system
logo
Hamamatsu Corporation
S13360 HAMAMATSU-S13360_15 Datasheet
911Kb / 12P
MPPCs for precision measurement
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
System Power Measurement IC
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
System Power Measurement IC
logo
Silicon Laboratories
TS4100 SILABS-TS4100 Datasheet
1Mb / 24P
Precision Measurement
logo
Linear Technology
LTC2984 LINER-LTC2984 Datasheet
3Mb / 22P
Digital Temperature Measurement System
LTC2986-1 LINER-LTC2986-1 Datasheet
2Mb / 22P
Digital Temperature Measurement System
logo
Isabellenhütte Heu...
IVT-S ISABELLENHUETTE-IVT-S Datasheet
1Mb / 45P
HIGH PRECISION CURRENT MEASUREMENT
Version 1.03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com