Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1693 Datasheet (PDF) - IET Labs Inc.

1693 Datasheet PDF - IET Labs Inc.
Part # 1693
Download  1693 Download
File Size   1495.09 Kbytes
Page   3 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description High-Accuracy Impedance Bridge

1693 Datasheet (PDF)

Go To PDF Page Download Datasheet
1693 Datasheet PDF - IET Labs Inc.

Part # 1693
Download  1693 Click to download

File Size   1495.09 Kbytes
Page   3 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description High-Accuracy Impedance Bridge

1693 Datasheet (HTML) - IET Labs Inc.


1693 Product details

Features:
• The world's de facto standard
for ac resistance, low-frequency
inductance, and capacitance
measurement
• Used as test standard at National
Labs
• 0.02% accuracy for R,L,C, G, Z, and
• 0.0001 accuracy for Dissipation and
• 11 Impedance Parameters
• Programmable test frequencies from
12 Hz to 200 kHz for testing versatility
• Programmable test voltages from 5 mV
to 1.275 V
• Dual display featuring 5-digit readout
for RLC and 4-digit readout for D and Q
• Extremely reliable: over 30 years of
history
• Optional IEEE-488 interface available

Applications:
• High-end metrology applications
• Measuring impedance (inductance,
capacitance, and resistance)
• Testing and sorting electrical
components based on 11 possible
parameters
• Optional IEEE-488 interface allows
test protocols and results to be stored
in PC's




Similar Part No. - 1693

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1693 POMONA-1693 Datasheet
22Kb / 1P
Spade Lug Patch Cord For Low Voltage Measurements
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
493Kb / 1P
Space saving design for high density packaging
1693 ETC2-1693 Datasheet
2Mb / 3P
Up to 60 A output current
logo
B&K Precision Corporati...
1693 BK-1693 Datasheet
2Mb / 3P
High Current Switching DC Power Supplies
logo
Heyco.
1693 HEYCO-1693 Datasheet
117Kb / 1P
Thin Panel Dome Plugs
More results


Similar Description - 1693

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGU20N40 FAIRCHILD-SGU20N40 Datasheet
149Kb / 5P
High input impedance
logo
Bourns Electronic Solut...
FB20009-3B-RC BOURNS-FB20009-3B-RC Datasheet
474Kb / 1P
High impedance
logo
Analog Devices
ADR3525 AD-ADR3525 Datasheet
862Kb / 20P
Micropower, High Accuracy
REV. 0
CN-0217 AD-CN-0217 Datasheet
200Kb / 6P
High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
REV. A
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
High-accuracy measurement
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
High accuracy detection
logo
Inchange Semiconductor ...
BUZ76 ISC-BUZ76 Datasheet
67Kb / 2P
High Input Impedance
logo
MKS Instruments.
690A MKS-690A Datasheet
225Kb / 4P
High Accuracy Systems
logo
STMicroelectronics
STPRDC02A STMICROELECTRONICS-STPRDC02A Datasheet
82Kb / 3P
High-voltage full-bridge driver with high impedance management and ZVD output
11-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com