Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1689-9600 Datasheet (PDF) - IET Labs Inc.

1689-9600 Datasheet PDF - IET Labs Inc.
Part # 1689-9600
Download  1689-9600 Download
File Size   93.87 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Digibridges

1689-9600 Datasheet (PDF)

Go To PDF Page Download Datasheet
1689-9600 Datasheet PDF - IET Labs Inc.

Part # 1689-9600
Download  1689-9600 Click to download

File Size   93.87 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Digibridges

1689-9600 Datasheet (HTML) - IET Labs Inc.


1689-9600 Product details

FEATURES:
• Easy to Use
• Accuracy of 0.1% for RLC measurements
• Four test frequencies of 100Hz, 120Hz, lkHz and 10kHz
• A choice of three test speeds: 2,4, or 8 measurements per second to complement automatic handling equipment
and maximize throughput.
• A choice of two measurement modes: Continuous or Triggered (single measurement or average of 10) ensures
measurement flexibility.
• A full, five-digit LED display for RLC measurements and a four-digit readout for D and Q testing, simultaneously
display both test results for each measurement, automatically.
• A built-in test fixture for fast setup and ease-of-use when testing axial and radial lead components.
• Guarded Kelvin measurement techniques protect measurement integrity.
• Automatic self-test and diagnostic check maintains reliable, error-free operation.
• Automatic limit comparison and binning ensure fast, mistake-proof sorting of components.
• Optional IEEE-488 Bus and Handler Interface enable remote programming and allow the addition of a component
handler to optimize throughput.




Similar Part No. - 1689-9600

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1689-9600 IET-1689-9600 Datasheet
95Kb / 2P
Cost Effective, Accurate, Impedance
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com