Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7660 Datasheet (PDF) - IET Labs Inc.

7660 Datasheet PDF - IET Labs Inc.
Part # 7660
Download  7660 Download
File Size   527.78 Kbytes
Page   3 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Precision LCR Meter

7660 Datasheet (PDF)

Go To PDF Page Download Datasheet
7660 Datasheet PDF - IET Labs Inc.

Part # 7660
Download  7660 Click to download

File Size   527.78 Kbytes
Page   3 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Precision LCR Meter

7660 Datasheet (HTML) - IET Labs Inc.


7660 Product details

Features:
• Frequency range: 10 Hz to 2 MHz
• 0.05% basic measurement accuracy
• 7-digit measurement resolution
• 7.0" TFT, 800×480 color screen
• Programmable test voltage and
current
• Auto ranging
• Test setup and measurement data
storage
• Four bnc terminal Kelvin connection
• Standard interfaces: USB host port,
USB Type B, RS-232, Handler, GPIB
and LAN
• Graphical and tabular display of
measurements: swept frequency,
voltage, and current
• Sequence testing of up to 6 individual
tests
• Built-in auto-calibration routine




Similar Part No. - 7660

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7660 GILWAY-7660 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Sonardyne sound in dept...
7660 SONARDYNE-7660 Datasheet
73Kb / 2P
SIPS Hi-Shock Remote Transducer
logo
Festo Corporation.
7660 FESTO-7660 Datasheet
78Kb / 1P
Cover plate
logo
3M Electronics
7660-5002BL 3M-7660-5002BL Datasheet
40Kb / 2P
Standard socket/header V low profile header right angle type
7660-5002PL 3M-7660-5002PL Datasheet
40Kb / 2P
Standard socket/header V low profile header right angle type
More results


Similar Description - 7660

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4980A HP-E4980A Datasheet
602Kb / 36P
Precision LCR Meter
logo
Keysight Technologies
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-002 KEYSIGHT-4285A-002 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-202 KEYSIGHT-4285A-202 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-301 KEYSIGHT-4285A-301 Datasheet
1Mb / 21P
Precision LCR Meter
E4980A-001 KEYSIGHT-E4980A-001 Datasheet
1Mb / 38P
Precision LCR Meter
E4980A-301 KEYSIGHT-E4980A-301 Datasheet
1Mb / 38P
Precision LCR Meter
E4980AL KEYSIGHT-E4980AL Datasheet
1Mb / 38P
Precision LCR Meter
logo
IET Labs Inc.
7600PLUS IET-7600PLUS Datasheet
252Kb / 3P
Precision LCR Meter
March 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com