Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V7589S Datasheet (PDF) - Renesas Technology Corp

IDT70V7589S Datasheet PDF - Renesas Technology Corp
Part # IDT70V7589S
Download  IDT70V7589S Download
File Size   599.32 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE

IDT70V7589S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT70V7589S Datasheet PDF - Renesas Technology Corp

Part # IDT70V7589S
Download  IDT70V7589S Click to download

File Size   599.32 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE

IDT70V7589S Datasheet (HTML) - Renesas Technology Corp


IDT70V7589S Product details

Features:
◆ 64K x 36 Synchronous Bank-Switchable Dual-ported SRAM
Architecture
– 64 independent 1K x 36 banks
– 2 megabits of memory on chip
◆ Bank access controlled via bank address pins
◆ High-speed data access
– Commercial: 3.4ns (200MHz)/3.6ns (166MHz)/
4.2ns (133MHz) (max.)
– Industrial: 3.6ns (166MHz)/4.2ns (133MHz) (max.)
◆ Selectable Pipelined or Flow-Through output mode
◆ Counter enable and repeat features
◆ Dual chip enables allow for depth expansion without
additional logic
◆ Full synchronous operation on both ports
– 5ns cycle time, 200MHz operation (14Gbps bandwidth)
– Fast 3.4ns clock to data out




Similar Part No. - IDT70V7589S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Similar Description - IDT70V7589S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S Datasheet
489Kb / 22P
HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S_09 Datasheet
230Kb / 22P
HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7339 RENESAS-70V7339 Datasheet
540Kb / 23P
HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70V7599 RENESAS-70V7599 Datasheet
525Kb / 24P
HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com