Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V9169 Datasheet (PDF) - Renesas Technology Corp

IDT70V9169 Datasheet PDF - Renesas Technology Corp
Part # IDT70V9169
Download  IDT70V9169 Download
File Size   334.39 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM

IDT70V9169 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT70V9169 Datasheet PDF - Renesas Technology Corp

Part # IDT70V9169
Download  IDT70V9169 Click to download

File Size   334.39 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM

IDT70V9169 Datasheet (HTML) - Renesas Technology Corp


IDT70V9169 Product details

Features:
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed clock to data access
– Commercial: 6.5/7.5/9ns (max.)
– Industrial: 7.5ns (max.)
◆ Low-power operation
– IDT70V916/59L/59L
Active: 450mW (typ.)
Standby: 1.5mW (typ.)
◆ Flow-Through or Pipelined output mode on either port via
the FT/PIPE pins
◆ Counter enable and reset features
◆ Dual chip enables allow for depth expansion without
additional logic




Similar Part No. - IDT70V9169

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169L IDT-IDT70V9169L Datasheet
205Kb / 16P
HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Similar Description - IDT70V9169

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179 IDT-IDT70V9179 Datasheet
181Kb / 15P
HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709169L IDT-IDT709169L Datasheet
176Kb / 16P
HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
709169 RENESAS-709169 Datasheet
370Kb / 17P
HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com