Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T18105 Datasheet (PDF) - Renesas Technology Corp

IDT72T18105 Datasheet PDF - Renesas Technology Corp
Part # IDT72T18105
Download  IDT72T18105 Download
File Size   492.5 Kbytes
Page   57 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS

IDT72T18105 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72T18105 Datasheet PDF - Renesas Technology Corp

Part # IDT72T18105
Download  IDT72T18105 Click to download

File Size   492.5 Kbytes
Page   57 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS

IDT72T18105 Datasheet (HTML) - Renesas Technology Corp


IDT72T18105 Product details

FEATURES:
• Choose among the following memory organizations:
IDT72T1845 ⎯ 2,048 x 18/4,096 x 9
IDT72T1855 ⎯ 4,096 x 18/8,192 x 9
IDT72T1865 ⎯ 8,192 x 18/16,384 x 9
IDT72T1875 ⎯ 16,384 x 18/32,768 x 9
IDT72T1885 ⎯ 32,768 x 18/65,536 x 9
IDT72T1895 ⎯ 65,536 x 18/131,072 x 9
IDT72T18105 ⎯ 131,072 x 18/262,144 x 9
IDT72T18115 ⎯ 262,144 x 18/524,288 x 9
IDT72T18125 ⎯ 524,288 x 18/1,048,576 x 9
• Up to 225 MHz Operation of Clocks
• User selectable HSTL/LVTTL Input and/or Output
• Read Enable & Read Clock Echo outputs aid high speed operation
• User selectable Asynchronous read and/or write port timing
• 2.5V LVTTL or 1.8V, 1.5V HSTL Port Selectable Input/Ouput voltage
• 3.3V Input tolerant
• Mark & Retransmit, resets read pointer to user marked position
• Write Chip Select (WCS) input enables/disables Write operations
• Read Chip Select (RCS) synchronous to RCLK
• Programmable Almost-Empty and Almost-Full flags, each flag can
default to one of eight preselected offsets
• Program programmable flags by either serial or parallel means
• Selectable synchronous/asynchronous timing modes for Almost-
Empty and Almost-Full flags




Similar Part No. - IDT72T18105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
2.5 VOLT HIGH-SPEED TeraSync??FIFO
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105L10BBI IDT-IDT72T18105L10BBI Datasheet
540Kb / 55P
2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Similar Description - IDT72T18105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com