Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8SLVP1104ANLGI Datasheet (PDF) - Renesas Technology Corp

8SLVP1104ANLGI Datasheet PDF - Renesas Technology Corp
Part # 8SLVP1104ANLGI
Download  8SLVP1104ANLGI Download
File Size   1124.76 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Phase Noise, 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer

8SLVP1104ANLGI Datasheet (PDF)

Go To PDF Page Download Datasheet
8SLVP1104ANLGI Datasheet PDF - Renesas Technology Corp

Part # 8SLVP1104ANLGI
Download  8SLVP1104ANLGI Click to download

File Size   1124.76 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Phase Noise, 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer

8SLVP1104ANLGI Datasheet (HTML) - Renesas Technology Corp


8SLVP1104ANLGI Product details

Features
• Four low skew, low additive jitter LVPECL differential output pairs
• Differential LVPECL input pair can accept the following differential
input levels: LVDS, LVPECL, CML
• Differential PCLKx pairs can also accept single-ended LVCMOS
levels. See the Applications section Writing the Differential Input
Levels to Accept Single-ended Levels (Figures 1 and 2)
• Maximum input clock frequency: 2GHz
• LVCMOS interface levels for the control input (input select)
• Output skew: 5ps (typical)
• Propagation delay: 320ps (maximum)
• Low additive phase jitter, RMS; fREF = 156.25MHz, VPP = 1V,
12kHz - 20MHz: 40fs (maximum)
• Maximum device current consumption (IEE): 60mA (maximum)
• Full 3.3V or 2.5V supply voltage
• Lead-free (RoHS 6) packaging
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8SLVP1104ANLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP1104ANLGI IDT-8SLVP1104ANLGI Datasheet
458Kb / 21P
LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP1104ANLGI RENESAS-8SLVP1104ANLGI Datasheet
1Mb / 21P
Low Phase Noise, 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer
MARCH 13, 2018
8SLVP1104ANLGI RENESAS-8SLVP1104ANLGI Datasheet
1Mb / 21P
Low Phase Noise, 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer
MARCH 13, 2018
logo
Integrated Device Techn...
8SLVP1104ANLGI8 IDT-8SLVP1104ANLGI8 Datasheet
458Kb / 21P
LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP1104ANLGI8 RENESAS-8SLVP1104ANLGI8 Datasheet
1Mb / 21P
Low Phase Noise, 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer
MARCH 13, 2018
More results


Similar Description - 8SLVP1104ANLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP1212I IDT-8SLVP1212I Datasheet
881Kb / 25P
Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
8SLVP2108 IDT-8SLVP2108_16 Datasheet
847Kb / 22P
Low Phase Noise, Dual 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP1102 RENESAS-8SLVP1102 Datasheet
1,002Kb / 24P
Low Phase Noise, 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1204 RENESAS-8SLVP1204 Datasheet
1Mb / 26P
Low Phase Noise, 2:4, 3.3V, 2.5V LVPECL Output Fanout Buffer
MAY 20, 2021
8SLVP1208 RENESAS-8SLVP1208 Datasheet
1,012Kb / 25P
Low Phase Noise, 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1212 RENESAS-8SLVP1212 Datasheet
1Mb / 24P
Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
MAY 20, 2021
8SLVP2104 RENESAS-8SLVP2104 Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer
January 15, 2019
8SLVP2108 RENESAS-8SLVP2108 Datasheet
1Mb / 23P
Low Phase Noise, Dual 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
January 15, 2019
8SLVP2102 RENESAS-8SLVP2102 Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
8SLVP2106 RENESAS-8SLVP2106 Datasheet
1Mb / 25P
Low Phase Noise, Dual 1-to-6, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com