Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC1701-MPC1 Datasheet (PDF) - Radiocrafts AS.

RC1701-MPC1 Datasheet PDF - Radiocrafts AS.
Part # RC1701-MPC1
Download  RC1701-MPC1 Download
File Size   135.52 Kbytes
Page   3 Pages
Manufacturer  RADIOCRAFTS [Radiocrafts AS.]
Direct Link  https://radiocrafts.com/
Logo RADIOCRAFTS - Radiocrafts AS.
Description Wireless M-Bus RF Transceiver Module (EN 13757-4:2013) with Pulse Counter inputs

RC1701-MPC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC1701-MPC1 Datasheet PDF - Radiocrafts AS.

Part # RC1701-MPC1
Download  RC1701-MPC1 Click to download

File Size   135.52 Kbytes
Page   3 Pages
Manufacturer  RADIOCRAFTS [Radiocrafts AS.]
Direct Link  https://radiocrafts.com/
Logo RADIOCRAFTS - Radiocrafts AS.
Description Wireless M-Bus RF Transceiver Module (EN 13757-4:2013) with Pulse Counter inputs

RC1701-MPC1 Datasheet (HTML) - Radiocrafts AS.


RC1701-MPC1 Product details

Product Description
The MPC1 Wireless M-Bus module is a stand-alone Wireless M-Bus module with Pulse
counter, Tamper and Install inputs. The module communicates with the Radiocrafts
MBUS3/MBUS4 modules and automatically at configurable intervals, transmit EN13757-
4:2013 packets containing pulse counter values. The MPC1 module automatically wakes up
from sleep, detects and counts pulses from the two pulse inputs. The module also support
Over The Air (OTA) configuration for easy configuration of a stand-alone module not having a
host controller connected to the UART.

Applications
 Water, gas, electricity meters with pulse output

Features
 2 pulse inputs with programmable pull-up.
 Tamper input
 Install input
 OTA (Over The Air configuration)
 Encryption
 Configurable TX intervals
 Embedded Wireless M-Bus protocol supporting EN
EN13757-4:2013 mode T (868 MHz, -MBUS3) and mode N (169 MHz, -MBUS4)
 12.7 x 25.4 x 3.3 mm compact module for SMD mounting
 Ultra low power modes for extended battery lifetime
 Completely Shielded module for SMD mounting
 No external components




Similar Part No. - RC1701-MPC1

ManufacturerPart #DatasheetDescription
logo
Radiocrafts AS.
RC1701-MBUS4 RADIOCRAFTS-RC1701-MBUS4 Datasheet
503Kb / 17P
Wireless M-Bus High power N Mode RF Transceiver Module EN 13757-4:2013)
rev. 1.21
More results


Similar Description - RC1701-MPC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD01 ETC-WD01 Datasheet
87Kb / 7P
Wireless Controller Module with RF Transceiver
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
Wireless High Power Transceiver RF Module
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
433MHz Wireless RF Hi Power Transceiver Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
Wireless Low Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
Wireless Low Power Transceiver RF Module
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
Wireless Voice Transceiver RF Module
logo
Radiocrafts AS.
RC11X0-MBUS RADIOCRAFTS-RC11X0-MBUS Datasheet
292Kb / 16P
Wireless M-Bus Multi-Mode RF Transceiver Module (EN 13757-4:2012 ported to regional frequencies)
rev. 2.24
RC1701-MBUS4 RADIOCRAFTS-RC1701-MBUS4 Datasheet
503Kb / 17P
Wireless M-Bus High power N Mode RF Transceiver Module EN 13757-4:2013)
rev. 1.21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com