Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N785-H01-SCMM Datasheet (PDF) - Tripp Lite. All Rights Reserved

N785-H01-SCMM Datasheet PDF - Tripp Lite. All Rights Reserved
Part # N785-H01-SCMM
Download  N785-H01-SCMM Download
File Size   46.95 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Multimode, -10° to 60°C, 500 m (1640 ft.)

N785-H01-SCMM Datasheet (PDF)

Go To PDF Page Download Datasheet
N785-H01-SCMM Datasheet PDF - Tripp Lite. All Rights Reserved

Part # N785-H01-SCMM
Download  N785-H01-SCMM Click to download

File Size   46.95 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Multimode, -10° to 60°C, 500 m (1640 ft.)

N785-H01-SCMM Datasheet (HTML) - Tripp Lite. All Rights Reserved


N785-H01-SCMM Product details

Features
Extends a Network Connection up to 500 m over SC Multimode Fiber Optic Cable
This network media converter converts a copper Gigabit Ethernet signal to a multimode fiber optic signal
and extends it to a second network device up to 500 meters (1640 feet) away. Because copper Cat5e/6
cables are limited to only 100 meters, it is more effective to couple the N785-H01-SCMM with multimode
fiber cable to reach hubs, switches and other network devices located farther away. Auto-negotiation and
automatic MDI/MDI-X configuration seamlessly connect devices without crossover cabling.
Monitor Your Installation with Link Fault Signaling and Loop Back Functions
Determine the health of your network connection via the Link Fault Signaling (LFS) and Loop Back
functions. The LFS LED indicates when a copper or fiber cable has been severed or another cause of
disruption in service has occurred. The Local Loop Back (LLB) and Remote Loop Back (RLB) functions
ensure copper and fiber cables have been correctly installed. Use the DIP switches to control each
function or turn them on or off.
LEDs Indicate Installation Performance and Diagnostic Functions
Easy-to-read LEDs on the side of the unit indicate essential status information, including network speed
and connection, LFS diagnostics and unit power.
Protective Metal Housing Built to Withstand a Variety of Hazards
The hardened aluminum case is designed to operate in extreme temperatures ranging from -10 to 60
degrees Celsius (14 to 140 degrees Fahrenheit). It is protected from electrostatic discharge (ESD), radio
frequency interference (RFI) and power surges. Hardware is included for wall or DIN mounting.
Works in Tandem with Tripp Lite’s N785-CH12 Chassis
House and power up to 12 Tripp Lite media converters, including the N785-H01-SCMM, using the N785-
CH12 12-port chassis (sold separately) to create an organized installation.
TAA-Compliant for GSA Schedule Purchases
The N785-H01-SCMM is compliant with the Federal Trade Agreements Act (TAA), which makes it eligible
for GSA (General Services Administration) Schedule and other federal procurement contracts.




Similar Part No. - N785-H01-SCMM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N785-H01-SCSM TRIPPLITE-N785-H01-SCSM Datasheet
47Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Singlemode, -10° to 60°C, 10 km (6.2 mi.)
More results


Similar Description - N785-H01-SCMM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N785-INT-SC TRIPPLITE-N785-INT-SC Datasheet
167Kb / 3P
Gigabit Multimode Fiber to Ethernet Media Converter, 10/100/1000 SC, International Power Supply, 1310 nm, 2,000 m (6,561 ft.)
N785-INT-SC-MM TRIPPLITE-N785-INT-SC-MM Datasheet
176Kb / 3P
Gigabit Multimode Fiber to Ethernet Media Converter, 10/100/1000 SC, International Power Supply, 850 nm, 550 m (1,804 ft.)
N784-H01-SCMM TRIPPLITE-N784-H01-SCMM Datasheet
169Kb / 4P
Hardened Copper to Fiber Media Converter -10/100 Mbps, RJ45/SC Multimode, -10° to 60°C, 2km (1.2 mi.)
N784-H01-STMM TRIPPLITE-N784-H01-STMM Datasheet
168Kb / 4P
Hardened Copper to Fiber Media Converter -10/100 Mbps, RJ45/ST Multimode, -10° to 60°C, 2km (1.2 mi.)
N784-H01-SCMM TRIPPLITE-N784-H01-SCMM_V01 Datasheet
47Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/SC Multimode, -10° to 60°C, 2 km (1.2 mi.)
N784-H01-SCSM TRIPPLITE-N784-H01-SCSM Datasheet
47Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/SC Singlemode, -10° to 60°C, 30 km (18.6 mi.)
N784-H01-STMM TRIPPLITE-N784-H01-STMM_V01 Datasheet
46Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/ST Multimode, -10° to 60°C, 2 km (1.2 mi.)
N785-H01-SCSM TRIPPLITE-N785-H01-SCSM Datasheet
47Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Singlemode, -10° to 60°C, 10 km (6.2 mi.)
N785-H01-SFP-D TRIPPLITE-N785-H01-SFP-D Datasheet
47Kb / 3P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C, DC Power
N785-H01-SFP TRIPPLITE-N785-H01-SFP Datasheet
47Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com