Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG590W Datasheet (PDF) - NXP Semiconductors

BFG590W Datasheet PDF - NXP Semiconductors
Part # BFG590W
Download  BFG590W Download
File Size   110.71 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 5 GHz wideband transistors

BFG590W Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG590W Datasheet PDF - NXP Semiconductors

Part # BFG590W
Download  BFG590W Click to download

File Size   110.71 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 5 GHz wideband transistors

BFG590W Datasheet (HTML) - NXP Semiconductors


BFG590W Product details

DESCRIPTION
NPN silicon planar epitaxial transistor in a 4-pin dual-emitter SOT343N plastic package.

FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures
    excellent reliability.

APPLICATIONS
• MATV/CATV amplifiers and RF
    communications subscriber
    equipment in the GHz range
• Ideally suitable for use in class-A,
    (A)B and C amplifiers with either
    pulsed or continuous drive.




Similar Part No. - BFG590W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG590 PHILIPS-BFG590 Datasheet
105Kb / 12P
NPN 5 GHz wideband transistors
1998 Oct 02
BFG590 NXP-BFG590 Datasheet
263Kb / 11P
NPN 5 GHz wideband transistors
Rev. 04-12 November 2007
BFG590 NXP-BFG590 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG590-X NXP-BFG590-X Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG590/X PHILIPS-BFG590/X Datasheet
105Kb / 12P
NPN 5 GHz wideband transistors
1998 Oct 02
More results


Similar Description - BFG590W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG25AW PHILIPS-BFG25AW Datasheet
143Kb / 16P
NPN 5 GHz wideband transistors
1998 Sep 23
BFG520W PHILIPS-BFG520W Datasheet
154Kb / 16P
NPN 9 GHz wideband transistors
1998 Oct 02
BFG590 PHILIPS-BFG590 Datasheet
105Kb / 12P
NPN 5 GHz wideband transistors
1998 Oct 02
BFG93A PHILIPS-BFG93A Datasheet
133Kb / 16P
NPN 6 GHz wideband transistors
1998 Sep 23
BFG67 NXP-BFG67 Datasheet
287Kb / 14P
NPN 8 GHz wideband transistors
Rev. 05-23 November 2007
BFG93A NXP-BFG93A Datasheet
286Kb / 13P
NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
BFG520W NXP-BFG520W Datasheet
304Kb / 15P
NPN 9 GHz wideband transistors
Rev. 04-21 November 2007
BFG590 NXP-BFG590 Datasheet
263Kb / 11P
NPN 5 GHz wideband transistors
Rev. 04-12 November 2007
logo
Quanzhou Jinmei Electro...
BFG590_2015 JMNIC-BFG590_2015 Datasheet
93Kb / 12P
NPN 5 GHz wideband transistors
BFG590 JMNIC-BFG590_15 Datasheet
93Kb / 12P
NPN 5 GHz wideband transistors
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com