Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRX Datasheet (PDF) - IET Labs Inc.

SRX Datasheet PDF - IET Labs Inc.
Part # SRX
Download  SRX Download
File Size   288.86 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Standard Resistance Reference or Working Standards

SRX Datasheet (PDF)

Go To PDF Page Download Datasheet
SRX Datasheet PDF - IET Labs Inc.

Part # SRX
Download  SRX Click to download

File Size   288.86 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Standard Resistance Reference or Working Standards

SRX Datasheet (HTML) - IET Labs Inc.


SRX Product details

• Very stable - as low as 10 ppm/yr
• Excellent temperature coeffi cient - as low
as 1 ppm/°C
• Rugged
• Wide range of values - 1 mΩ to 10 TΩ
• Custom values are available
• Op onal transit case
• High voltage opera on - up to 5000 V for
SRC series




Similar Part No. - SRX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
TDK Electronics
SRX TDK-SRX Datasheet
354Kb / 20P
LLC Resonance Power Transformers
September 2010
logo
REMA Lipprandt GmbH & C...
SRX 175 REMA-SRX 175 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
SRX 350 REMA-SRX 350 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
logo
ABB
SRX-AA1206X ABB-SRX-AA1206X Datasheet
35Kb / 1P
N.4 WALL FIXING BRACKETS
More results


Similar Description - SRX

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1409 IET-1409 Datasheet
230Kb / 2P
Standard Capacitance Reference or Working Standard
Oct. 2015
SCA IET-SCA Datasheet
198Kb / 3P
Standard Capacitance Reference or Working Standards
Dec. 2022
SR1010 IET-SR1010 Datasheet
133Kb / 2P
Resistance Transfer Standard System
March 2020
SR102 IET-SR102 Datasheet
218Kb / 1P
Transportable Resistance Standards
Nov 2017
SR1030 IET-SR1030 Datasheet
136Kb / 2P
Resistance Transfer Standard System
March 2020
SRAC IET-SRAC Datasheet
178Kb / 1P
ac Standard Resistance Working Standards
March 2020
SRL IET-SRL Datasheet
384Kb / 1P
High-Accuracy, High-Stability Resistance Standards
Dec. 2022
SRR IET-SRR Datasheet
99Kb / 1P
High Accuracy Standard Resistance
October 9 2013
VRS-100 IET-VRS-100 Datasheet
213Kb / 2P
High Resistance Standards
April 2019
logo
Fluke Corporation
734A FLUKE-734A Datasheet
820Kb / 7P
DC Reference Standard
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com