Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3626 Datasheet (PDF) - Renesas Technology Corp

IDT72V3626 Datasheet PDF - Renesas Technology Corp
Part # IDT72V3626
Download  IDT72V3626 Download
File Size   742.28 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2

IDT72V3626 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V3626 Datasheet PDF - Renesas Technology Corp

Part # IDT72V3626
Download  IDT72V3626 Click to download

File Size   742.28 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2

IDT72V3626 Datasheet (HTML) - Renesas Technology Corp


IDT72V3626 Product details

FEATURES:
• Memory storage capacity:
IDT72V3626–256 x 36 x 2
IDT72V3636–512 x 36 x 2
IDT72V3646–1,024 x 36 x 2
• Clock frequencies up to 100 MHz (6.5ns access time)
• Two independent FIFOs buffer data between one bidirectional
36-bit port and two unidirectional 18-bit ports (Port C receives
and Port B transmits)
• 18-bit (word) and 9-bit (byte) bus sizing of 18 bits (word) on
Ports B and C
• Select IDT Standard timing (using EFA, EFB, FFA, and FFC flag
functions) or First Word Fall Through Timing (using ORA, ORB,
IRA, and IRC flag functions)
• Programmable Almost-Empty and Almost-Full flags; each has




Similar Part No. - IDT72V3626

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3626L10PF IDT-IDT72V3626L10PF Datasheet
329Kb / 36P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3626L15PF IDT-IDT72V3626L15PF Datasheet
329Kb / 36P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
More results


Similar Description - IDT72V3626

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com