Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V8980DBG Datasheet (PDF) - Renesas Technology Corp

IDT72V8980DBG Datasheet PDF - Renesas Technology Corp
Part # IDT72V8980DBG
Download  IDT72V8980DBG Download
File Size   302.8 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256

IDT72V8980DBG Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V8980DBG Datasheet PDF - Renesas Technology Corp

Part # IDT72V8980DBG
Download  IDT72V8980DBG Click to download

File Size   302.8 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256

IDT72V8980DBG Datasheet (HTML) - Renesas Technology Corp


IDT72V8980DBG Product details

FEATURES:
• 256 x 256 channel non-blocking switch
• Serial Telecom Bus Compatible (ST-BUS®)
• 8 RX inputs—32 channels at 64 Kbit/s per serial line
• 8 TX output—32 channels at 64 Kbit/s per serial line
• Three-state serial outputs
• Microprocessor Interface (8-bit data bus)
• 3.3V Power Supply
• Available in 44-pin Plastic Leaded Chip Carrier (PLCC), 48-pin
Small Shrink Outline Package (SSOP), and 44-pin Plastic Quad
Flatpack (PQFP)
• Operating Temperature Range -40°C to +85°C
• 3.3V I/O with 5V Tolerant Inputs




Similar Part No. - IDT72V8980DBG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V8980DB IDT-IDT72V8980DB Datasheet
110Kb / 11P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Similar Description - IDT72V8980DBG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V8980 IDT-IDT72V8980 Datasheet
110Kb / 11P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT72V8985 RENESAS-IDT72V8985 Datasheet
322Kb / 15P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com