Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT162374AT Datasheet (PDF) - Renesas Technology Corp

IDT74FCT162374AT Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT162374AT
Download  IDT74FCT162374AT Download
File Size   239.27 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT REGISTER (3-STATE)

IDT74FCT162374AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT162374AT Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT162374AT
Download  IDT74FCT162374AT Click to download

File Size   239.27 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT REGISTER (3-STATE)

IDT74FCT162374AT Datasheet (HTML) - Renesas Technology Corp


IDT74FCT162374AT Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage ≤1μA (max.)
• VCC = 5V ±10%
• Balanced Output Drivers: ±24mA
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25°C
• Available in SSOP and TSSOP packages




Similar Part No. - IDT74FCT162374AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
126Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374ATE IDT-IDT74FCT162374ATE Datasheet
126Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374ATEB IDT-IDT74FCT162374ATEB Datasheet
126Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374ATPA IDT-IDT74FCT162374ATPA Datasheet
73Kb / 7P
FAST CMOS 16-BIT REGISTER (3-STATE)
More results


Similar Description - IDT74FCT162374AT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
Fast CMOS 16-Bit Registers (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
Fast CMOS 3.3V 16-Bit Register (3-State)
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
3.3V CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T_02 Datasheet
103Kb / 8P
FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com