Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT1623734TPAG Datasheet (PDF) - Renesas Technology Corp

74FCT1623734TPAG Datasheet PDF - Renesas Technology Corp
Part # 74FCT1623734TPAG
Download  74FCT1623734TPAG Download
File Size   239.27 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT REGISTER (3-STATE)

74FCT1623734TPAG Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT1623734TPAG Datasheet PDF - Renesas Technology Corp

Part # 74FCT1623734TPAG
Download  74FCT1623734TPAG Click to download

File Size   239.27 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT REGISTER (3-STATE)

74FCT1623734TPAG Datasheet (HTML) - Renesas Technology Corp


74FCT1623734TPAG Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage ≤1μA (max.)
• VCC = 5V ±10%
• Balanced Output Drivers: ±24mA
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25°C
• Available in SSOP and TSSOP packages




Similar Part No. - 74FCT1623734TPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162373 TI-74FCT162373 Datasheet
61Kb / 7P
16-Bit Latches
74FCT162373ATPACT TI-74FCT162373ATPACT Datasheet
61Kb / 7P
16-Bit Latches
74FCT162373ATPACT TI1-74FCT162373ATPACT Datasheet
697Kb / 13P
16-Bit Latches
logo
Renesas Technology Corp
74FCT162373ATPAG RENESAS-74FCT162373ATPAG Datasheet
286Kb / 8P
FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
74FCT162373ATPAG8 RENESAS-74FCT162373ATPAG8 Datasheet
286Kb / 8P
FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
More results


Similar Description - 74FCT1623734TPAG

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
Fast CMOS 16-Bit Registers (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
Fast CMOS 3.3V 16-Bit Register (3-State)
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
3.3V CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T_02 Datasheet
103Kb / 8P
FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com