Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT162827AT Datasheet (PDF) - Renesas Technology Corp

IDT74FCT162827AT Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT162827AT
Download  IDT74FCT162827AT Download
File Size   235.96 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 20-BIT BUFFER

IDT74FCT162827AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT162827AT Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT162827AT
Download  IDT74FCT162827AT Click to download

File Size   235.96 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 20-BIT BUFFER

IDT74FCT162827AT Datasheet (HTML) - Renesas Technology Corp


IDT74FCT162827AT Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage ≤1μA (max.)
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC = 5V ±10%
• Balanced Output Drivers (±24mA)
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25°C
• Available in SSOP and TSSOP packages




Similar Part No. - IDT74FCT162827AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162827AT IDT-IDT74FCT162827AT Datasheet
120Kb / 8P
FAST CMOS 20-BIT BUFFERS
IDT74FCT162827ATE IDT-IDT74FCT162827ATE Datasheet
120Kb / 8P
FAST CMOS 20-BIT BUFFERS
IDT74FCT162827ATEB IDT-IDT74FCT162827ATEB Datasheet
120Kb / 8P
FAST CMOS 20-BIT BUFFERS
IDT74FCT162827ATPA IDT-IDT74FCT162827ATPA Datasheet
120Kb / 8P
FAST CMOS 20-BIT BUFFERS
IDT74FCT162827ATPAB IDT-IDT74FCT162827ATPAB Datasheet
120Kb / 8P
FAST CMOS 20-BIT BUFFERS
More results


Similar Description - IDT74FCT162827AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
FAST CMOS 20-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT16240T PERICOM-PI74FCT16240T Datasheet
64Kb / 6P
Fast CMOS 16-Bit Buffer /Line Drivers
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
Fast CMOS 20-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT163827A IDT-IDT74FCT163827A Datasheet
85Kb / 7P
3.3V CMOS 20-BIT BUFFER
logo
Pericom Semiconductor C...
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
Fast CMOS 16-Bit Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT163827A IDT-IDT74FCT163827A_18 Datasheet
85Kb / 7P
3.3V CMOS 20-BIT BUFFER
logo
Renesas Technology Corp
74FCT163827A RENESAS-74FCT163827A Datasheet
267Kb / 8P
3.3V CMOS 20-BIT BUFFER
MAY 2019
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com