Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT163244A Datasheet (PDF) - Renesas Technology Corp

IDT74FCT163244A Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT163244A
Download  IDT74FCT163244A Download
File Size   241.01 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 16-BIT BUFFER/LINE DRIVER

IDT74FCT163244A Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT163244A Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT163244A
Download  IDT74FCT163244A Click to download

File Size   241.01 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 16-BIT BUFFER/LINE DRIVER

IDT74FCT163244A Datasheet (HTML) - Renesas Technology Corp


IDT74FCT163244A Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range, or VCC = 2.7V to 3.6V, Extended
Range
• CMOS power levels (0.4μ W typ. static)
• Rail-to-rail output swing for increased noise margin
• Low Ground Bounce (0.3V typ.)
• Inputs (except I/O) can be driven by 3.3V or 5V components
• Available in SSOP, TSSOP, and TVSOP packages




Similar Part No. - IDT74FCT163244A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163244A IDT-IDT74FCT163244A Datasheet
108Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT163244APA IDT-IDT74FCT163244APA Datasheet
108Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT163244APF IDT-IDT74FCT163244APF Datasheet
108Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT163244APV IDT-IDT74FCT163244APV Datasheet
108Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Similar Description - IDT74FCT163244A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
3.3V, 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
logo
Integrated Device Techn...
IDT74FCT163244CPVG IDT-IDT74FCT163244CPVG Datasheet
84Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244_08 Datasheet
408Kb / 6P
3.3V, 16-Bit Buffer/Line Driver
logo
Integrated Device Techn...
IDT74ALVC16244A IDT-IDT74ALVC16244A_16 Datasheet
93Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVC16244A IDT-IDT74LVC16244A_15 Datasheet
107Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVC162244A IDT-IDT74LVC162244A_15 Datasheet
107Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com