Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL-EV400 Datasheet (PDF) - NXP Semiconductors

SL-EV400 Datasheet PDF - NXP Semiconductors
Part # SL-EV400
Download  SL-EV400 Download
File Size   225.16 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I•CODE PEGODA Smart Label Read/Write Device

SL-EV400 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL-EV400 Datasheet PDF - NXP Semiconductors

Part # SL-EV400
Download  SL-EV400 Click to download

File Size   225.16 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I•CODE PEGODA Smart Label Read/Write Device

SL-EV400 Datasheet (HTML) - NXP Semiconductors


SL-EV400 Product details

Description
The I•CODE Pegoda SL EV400 is a new contactless read/write device based on PHILIPS SL RC400 reader
IC. The SL RC400 is member of a new family for highly integrated reader ICs for contactless communication
at 13.56 MHz. This family is called MICORE. The SL EV400 supports the I•CODE 1 as well as the ISO
15693 protocol
This I•CODE Pegoda evaluation kit is designed to fulfil several requirements.
It covers all functionality of the SL RC400 to be able to use this read/write device as a reference design for a
new SL RC400 based read/write device and is designed for easy implementation at a PC and as application
development tool.
The I•CODE Pegoda in connection with the SL EV400 Demo software gives you also the advantage to
discover the functionality and possibilities of I•CODE label products (I•CODE 1 and I•CODE SLI) in a fast
and easy way.

Features
· contactless smart label read/write device
· based on the SL RC400
· Supports the I•CODE 1 and the ISO 15693 protocol
· typical operating distance: 100mm
· CE and FCC compliant
· USB host interface
· USB bus powered 5 VDC power supply
· Unique serial number of each read/write device




Similar Part No. - SL-EV400

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SL-E HONEYWELL-SL-E Datasheet
469Kb / 5P
SLSeries Limit Switch
SL-E-H HONEYWELL-SL-E-H Datasheet
469Kb / 5P
SLSeries Limit Switch
SL-E1 HONEYWELL-SL-E1 Datasheet
469Kb / 5P
SLSeries Limit Switch
SL-E1-H HONEYWELL-SL-E1-H Datasheet
469Kb / 5P
SLSeries Limit Switch
logo
EqcoLogic
SL-EQCO-POE-0V4 EQCOLOGIC-SL-EQCO-POE-0V4 Datasheet
772Kb / 2P
EqcoLogic Ethernet over Coal Adaptots with PoE/PoC
More results


Similar Description - SL-EV400

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
13.56 MHz Read/Write Passive RFID Device
2003
logo
EM Microelectronic - MA...
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
512 bit, Read/Write UHF Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
logo
List of Unclassifed Man...
SSI122 ETC-SSI122 Datasheet
278Kb / 7P
4-Channel thin film read/write device
logo
Integrated Silicon Solu...
IS61DDP2B24M18A ISSI-IS61DDP2B24M18A Datasheet
889Kb / 31P
Common I/O read and write ports
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com