Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT162H245AT Datasheet (PDF) - Renesas Technology Corp

IDT74FCT162H245AT Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT162H245AT
Download  IDT74FCT162H245AT Download
File Size   269.73 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER

IDT74FCT162H245AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT162H245AT Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT162H245AT
Download  IDT74FCT162H245AT Click to download

File Size   269.73 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER

IDT74FCT162H245AT Datasheet (HTML) - Renesas Technology Corp


IDT74FCT162H245AT Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage ≤ 1μA (max.)
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• Bus Hold retains last active bus state during 3-state
• Eliminates the need for external pull up resistors
• Available in SSOP and TSSOP packages




Similar Part No. - IDT74FCT162H245AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162H245AT IDT-IDT74FCT162H245AT Datasheet
185Kb / 10P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT162H245ATE IDT-IDT74FCT162H245ATE Datasheet
185Kb / 10P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT162H245ATEB IDT-IDT74FCT162H245ATEB Datasheet
185Kb / 10P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT162H245ATPA IDT-IDT74FCT162H245ATPA Datasheet
185Kb / 10P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT162H245ATPAB IDT-IDT74FCT162H245ATPAB Datasheet
185Kb / 10P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
More results


Similar Description - IDT74FCT162H245AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16245T IDT-IDT74FCT16245T Datasheet
185Kb / 10P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT3245 PERICOM-PI74FCT3245 Datasheet
44Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT245 PERICOM-PI74LPT245 Datasheet
61Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
Fast CMOS 16-Bit Bidirectional Transceivers
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com