Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVC16244A Datasheet (PDF) - Renesas Technology Corp

IDT74LVC16244A Datasheet PDF - Renesas Technology Corp
Part # IDT74LVC16244A
Download  IDT74LVC16244A Download
File Size   287.26 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O

IDT74LVC16244A Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74LVC16244A Datasheet PDF - Renesas Technology Corp

Part # IDT74LVC16244A
Download  IDT74LVC16244A Click to download

File Size   287.26 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O

IDT74LVC16244A Datasheet (HTML) - Renesas Technology Corp


IDT74LVC16244A Product details

FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range
• VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4μ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Supports hot insertion
• Available in SSOP and TSSOP packages
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise




Similar Part No. - IDT74LVC16244A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16244A IDT-IDT74LVC16244A Datasheet
77Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16244APA IDT-IDT74LVC16244APA Datasheet
77Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16244APAG IDT-IDT74LVC16244APAG Datasheet
77Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16244APF IDT-IDT74LVC16244APF Datasheet
77Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16244APV IDT-IDT74LVC16244APV Datasheet
77Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
More results


Similar Description - IDT74LVC16244A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC162244A IDT-IDT74LVC162244A Datasheet
68Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC244A IDT-IDT74LVC244A Datasheet
63Kb / 6P
3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74VC16244A IDT-IDT74VC16244A Datasheet
70Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16244A IDT-IDT74LVC16244A Datasheet
77Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCH162244A IDT-IDT74LVCH162244A Datasheet
76Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
IDT74LVC827A IDT-IDT74LVC827A Datasheet
68Kb / 6P
3.3V CMOS 10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC244A IDT-IDT74LVC244A_08 Datasheet
188Kb / 6P
3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC162244A RENESAS-IDT74LVC162244A Datasheet
302Kb / 7P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
IDT74LVCH162244A RENESAS-IDT74LVCH162244A Datasheet
303Kb / 7P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
AUGUST 2015
IDT74LVCH16244A RENESAS-IDT74LVCH16244A Datasheet
432Kb / 7P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com