Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVC16373A Datasheet (PDF) - Renesas Technology Corp

IDT74LVC16373A Datasheet PDF - Renesas Technology Corp
Part # IDT74LVC16373A
Download  IDT74LVC16373A Download
File Size   284.25 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O

IDT74LVC16373A Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74LVC16373A Datasheet PDF - Renesas Technology Corp

Part # IDT74LVC16373A
Download  IDT74LVC16373A Click to download

File Size   284.25 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O

IDT74LVC16373A Datasheet (HTML) - Renesas Technology Corp


IDT74LVC16373A Product details

FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range
• VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4μ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Supports hot insertion
• Available in SSOP and TSSOP packages
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise




Similar Part No. - IDT74LVC16373A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A Datasheet
104Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16373A IDT-IDT74LVC16373A Datasheet
106Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVC16373APA IDT-IDT74LVC16373APA Datasheet
104Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16373APF IDT-IDT74LVC16373APF Datasheet
104Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16373APV IDT-IDT74LVC16373APV Datasheet
104Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results


Similar Description - IDT74LVC16373A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
logo
Integrated Device Techn...
IDT74LVC162244A IDT-IDT74LVC162244A Datasheet
68Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16373A IDT-IDT74LVC16373A Datasheet
104Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC373A IDT-IDT74LVC373A Datasheet
68Kb / 6P
3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCR16952A IDT-IDT74LVCR16952A Datasheet
87Kb / 6P
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCR162245A IDT-IDT74LVCR162245A Datasheet
95Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC573A IDT-IDT74LVC573A Datasheet
68Kb / 6P
3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH16373A IDT-IDT74LVCH16373A Datasheet
84Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH162373A RENESAS-IDT74LVCH162373A Datasheet
412Kb / 7P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
OCTOBER 2015
IDT74LVCH16373A RENESAS-IDT74LVCH16373A Datasheet
298Kb / 7P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
MARCH 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com