Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74685BKG Datasheet (PDF) - Renesas Technology Corp

74685BKG Datasheet PDF - Renesas Technology Corp
Part # 74685BKG
Download  74685BKG Download
File Size   424.55 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 28-BIT 1:2 REGISTERED BUFFER WITH PARITY

74685BKG Datasheet (PDF)

Go To PDF Page Download Datasheet
74685BKG Datasheet PDF - Renesas Technology Corp

Part # 74685BKG
Download  74685BKG Click to download

File Size   424.55 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 28-BIT 1:2 REGISTERED BUFFER WITH PARITY

74685BKG Datasheet (HTML) - Renesas Technology Corp


74685BKG Product details

FEATURES:
• 1.8V Operation
• SSTL_18 style clock and data inputs
• Differential CLK input
• Control inputs compatible with LVCMOS levels
• Flow-through architecture for optimum PCB design
• Latch-up performance exceeds 100mA
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in 160-pin CTBGA package




Similar Part No. - 74685BKG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74680-XXXX MOLEX-74680-XXXX Datasheet
609Kb / 2P
2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
74681-0001 MOLEX8-74681-0001 Datasheet
185Kb / 3P
2.00mm (.079") Pitch 8-Row VHDM-HSD??Board-to-Board Daughtercard ReceptacleRight Angle, Signal Module, 60 Circuits
logo
Vishay Siliconix
74681E3 VISHAY-74681E3 Datasheet
136Kb / 7P
Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
14-Oct-16
logo
Molex Electronics Ltd.
74686-XXXX MOLEX-74686-XXXX Datasheet
609Kb / 2P
2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
logo
National Semiconductor ...
74688 NSC-74688 Datasheet
109Kb / 4P
8-Bit Magnitude Comparator (Equality Detector)
More results


Similar Description - 74685BKG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTU32865 PHILIPS-SSTU32865 Datasheet
157Kb / 29P
1.8 V 28-bit 1:2 registered buffer with parity for DDR2 RDIMM
Rev. 02-28 September 2004
logo
Integrated Device Techn...
IDT74SSTUBF32865A IDT-IDT74SSTUBF32865A Datasheet
422Kb / 17P
28-BIT 1:2 REGISTERED BUFFER WITH PARITY
IDT74SSTU32865 IDT-IDT74SSTU32865 Datasheet
218Kb / 15P
28-BIT 1:2 REGISTERED BUFFER WITH PARITY
IDT74SSTU32D869 IDT-IDT74SSTU32D869 Datasheet
223Kb / 16P
14-BIT 1:2 REGISTERED BUFFER WITH PARITY
logo
Texas Instruments
74SSTUB32868 TI1-74SSTUB32868 Datasheet
434Kb / 23P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A_14 Datasheet
768Kb / 26P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
logo
Renesas Technology Corp
IDT74SSTUBF32865A RENESAS-IDT74SSTUBF32865A Datasheet
600Kb / 17P
28-BIT 1:2 REGISTERED BUFFER WITH PARITY
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com