Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74864BF8 Datasheet (PDF) - Renesas Technology Corp

74864BF8 Datasheet PDF - Renesas Technology Corp
Part # 74864BF8
Download  74864BF8 Download
File Size   340.66 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O

74864BF8 Datasheet (PDF)

Go To PDF Page Download Datasheet
74864BF8 Datasheet PDF - Renesas Technology Corp

Part # 74864BF8
Download  74864BF8 Click to download

File Size   340.66 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O

74864BF8 Datasheet (HTML) - Renesas Technology Corp


74864BF8 Product details

FEATURES:
• 1:1 and 1:2 registered buffer
• 1.8V Operation
• SSTL_18 style clock and data inputs
• Differential CLK input
• Control inputs compatible with LVCMOS levels
• Flow-through architecture for optimum PCB design
• Latch-up performance exceeds 100mA
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Maximum operating frequency: 340MHz
• Available in 96-pin LFBGA package




Similar Part No. - 74864BF8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7486 FAIRCHILD-7486 Datasheet
34Kb / 3P
Quad 2-Input Exclusive-OR Gate
logo
Bi technologies
7486 BITECH-7486 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7486 BITECH-7486 Datasheet
293Kb / 4P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
3M Electronics
7486 3M-7486 Datasheet
28Kb / 1P
Abrasives, Scotch-Brite Handpads
logo
List of Unclassifed Man...
74860 ETC2-74860 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
More results


Similar Description - 74864BF8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTV16857 IDT-IDT74SSTV16857 Datasheet
54Kb / 6P
14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTU32864 IDT-IDT74SSTU32864 Datasheet
139Kb / 12P
1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
1:1 14-bit SSTL-2 Registered Buffer
logo
Integrated Device Techn...
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTU32864 IDT-IDT74SSTU32864_07 Datasheet
179Kb / 12P
1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16857 RENESAS-IDT74SSTV16857 Datasheet
239Kb / 8P
14-BIT REGISTERED BUFFER WITH SSTL I/O
February 2009
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com