Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF5301 Datasheet (PDF) - NXP Semiconductors

PF5301 Datasheet PDF - NXP Semiconductors
Part # PF5301
Download  PF5301 Download
File Size   142.54 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 A / 8 A / 15 A core supply regulators with AVP and watchdog

PF5301 Datasheet (PDF)

Go To PDF Page Download Datasheet
PF5301 Datasheet PDF - NXP Semiconductors

Part # PF5301
Download  PF5301 Click to download

File Size   142.54 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 A / 8 A / 15 A core supply regulators with AVP and watchdog

PF5301 Datasheet (HTML) - NXP Semiconductors


PF5301 Product details

Features
The PF5300/PF5301/PF5302 integrate a high-performance 12 A / 8 A /15 A buck converter to power high-end
automotive and industrial processors.
• High-performance core buck regulator
– 12 A, 5 VIN buck regulator - internal FETs (PF5300)
– 8 A, 5 VIN buck regulator - internal FETs (PF5301)
– 15 A, 5 VIN buck regulator - internal FETs (PF5302)
– 2.7 V to 5.5 V input range
– 0.5 V to 1.2 V output range
– High efficiency
– ±1 % output accuracy
– 2 MHz to 3 MHz switching frequency
– Dynamic voltage scaling
– Programmable adaptive-voltage positioning (AVP) (droop)
• 1.5 μA quiescent current in OFF mode
• Fast startup time (< 500 μs)
• OTP memory for device configuration
• Overtemperature protection
• Safety features
– Available in ASIL D, ASIL B, and QM variations
– Watchdog timer
– 1 % OV/UV monitoring
– PGOOD output
– Analog built-in self-test
• AEC-Q100 qualified version available
• Rated from -40 ℃ to 150 ℃ Tj
• 3.5 mm x 4.5 mm WF-QFN package

Applications
• Automotive – infotainment, gateway, domain controllers
• High-end consumer and industrial




Similar Part No. - PF5301

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
PF5301 LINEAR-PF5301 Datasheet
174Kb / 1P
VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Micross Components
PF5301 MICROSS-PF5301 Datasheet
288Kb / 1P
Linear Systems replaces discontinued LF5301
logo
Linear Integrated Syste...
PF5301 LINEAR-PF5301 Datasheet
182Kb / 1P
VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
logo
Micross Components
PF5301_TO-18 MICROSS-PF5301_TO-18 Datasheet
288Kb / 1P
a very High Input Impedance N-Channel JFET amplifier
PF5301_TO-72 MICROSS-PF5301_TO-72 Datasheet
288Kb / 1P
a very High Input Impedance N-Channel JFET amplifier
More results


Similar Description - PF5301

ManufacturerPart #DatasheetDescription
logo
Power-One
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
3...8 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
6...12 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
6...12 A Switching Regulators
logo
RICOH electronics devic...
R5102V RICOH-R5102V Datasheet
135Kb / 13P
LDO Regulators with a Watchdog Timer?
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Power-One
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
3 to 8 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
6 to 12 A Switching Regulators
logo
STMicroelectronics
AN4106 STMICROELECTRONICS-AN4106 Datasheet
3Mb / 39P
This document describes a 12 V-1 A power supply
16-Oct-2012
logo
Vishay Siliconix
SIC437 VISHAY-SIC437 Datasheet
2Mb / 25P
Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
15-Jan-18
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com