Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMR4M02B Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

TMR4M02B Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # TMR4M02B
Download  TMR4M02B Download
File Size   640.04 Kbytes
Page   6 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description TMR Geartooth Sensor

TMR4M02B Datasheet (PDF)

Go To PDF Page Download Datasheet
TMR4M02B Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # TMR4M02B
Download  TMR4M02B Click to download

File Size   640.04 Kbytes
Page   6 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description TMR Geartooth Sensor

TMR4M02B Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


TMR4M02B Product details

The TMR4M02B/3B/4B/5B/8B geartooth sensors are
composed of a dual-channel push-pull Wheatstone
full bridge including eight high-sensitivity tunneling
magnetoresistance (TMR) sensing elements. The
placement of TMR sensing elements is designed for
specific gear pitches in different gear modules. The
dual-channel Wheatstone full bridge outputs two
orthogonal sine and cosine signals with the rotation of
the gears. The period of this signal equals to the gear
pitch to measure the rotation position and direction of
the gear.
The TMR4M02B/3B/4B/5B/8B series are available
in the compact LGA6L (3 mm × 6 mm × 0.9 mm)
packages, with different configurations of gear pitches
in following gear modules:
• TMR4M02B: module 0.2
• TMR4M03B: module 0.3
• TMR4M04B: module 0.4
• TMR4M05B: module 0.5
• TMR4M08B: module 0.8
Description

Tunneling magnetoresistance (TMR) technology
Adapt to gears of different modules
High saturation field
DC (zero speed) operation
Sine/cosine signal output with accurate phase
difference
Excellent thermal stability
Excellent resistance to external magnetic field
interference
RoHS and REACH Compliant
Features and benefits
Applications
Gear speed and direction measurement
Linear and angular speed sensing
Linear and angular displacement sensing




Similar Part No. - TMR4M02B

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMR4 TRACOPOWER-TMR4 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
TMR4-1211 TRACOPOWER-TMR4-1211 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
TMR4-1212 TRACOPOWER-TMR4-1212 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
TMR4-1213 TRACOPOWER-TMR4-1213 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
TMR4-1215 TRACOPOWER-TMR4-1215 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
More results


Similar Description - TMR4M02B

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AAT001-10E RHOPOINT-AAT001-10E Datasheet
99Kb / 4P
TMR Angle Sensor
logo
Nanjing Ouzhuo Technolo...
MMLP57F OHHALLSENSOR-MMLP57F Datasheet
275Kb / 3P
TMR Linear Sensor
logo
Honeywell Accelerometer...
1GT101DC HONEYWELL-ACC-1GT101DC Datasheet
156Kb / 1P
GEARTOOTH SENSOR
logo
Melexis Microelectronic...
MLX90217 MELEXIS-MLX90217_12 Datasheet
607Kb / 9P
Hall-Effect Geartooth Sensor
logo
American Electronic Com...
TMR2001 AEC-TMR2001 Datasheet
410Kb / 4P
TMR Linear Sensor
TMR401X AEC-TMR401X Datasheet
552Kb / 6P
TMR Geartooth sensor with high sensitivity to magnetic field gradient
logo
MultiDimension Technolo...
GE-T MULTIDIMENSION-GE-T Datasheet
1Mb / 10P
High Sensitivity, High Speed, High Accuracy TMR Geartooth Encoders
Version 2.0.2
TMR2001 MULTIDIMENSION-TMR2001 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
TMR2003 MULTIDIMENSION-TMR2003 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
TMR4001 MULTIDIMENSION-TMR4001 Datasheet
858Kb / 8P
TMR Geartooth Sensor
Version 2.0.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com