Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6638 Datasheet (PDF) - Maxim Integrated Products

MAX6638 Datasheet PDF - Maxim Integrated Products
Part # MAX6638
Download  MAX6638 Download
File Size   303.59 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Temperature Monitor with Dual Serial Interface

MAX6638 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6638 Datasheet PDF - Maxim Integrated Products

Part # MAX6638
Download  MAX6638 Click to download

File Size   303.59 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Temperature Monitor with Dual Serial Interface

MAX6638 Datasheet (HTML) - Maxim Integrated Products


MAX6638 Product details

General Description
The MAX6638 thermal-management sensor includes internal (local) and external (remote) digital temperature sensors and two independent SMBus™ serial ports. The remote temperature accuracy is ±1.0°C, and the local temperature accuracy is ±2°C. The MAX6638 also features extended temperature resolution data available in 0.125°C increments.

Features
♦ Two Independent SMBus/I2C*-Compatible Interfaces with Collision Avoidance
♦ High Accuracy ±1.0°C from +85°C to +100°C (Remote)
♦ Remote and Local Temperature Measurements
♦ Three Programmable Output Alarms: ALERT1, OVERT1, and ALERT2
♦ Programmable Conversion Rates
♦ 11-Bit Low-Noise Integrating ADC
♦ No Calibration Required
♦ Autoscan Conversions

Applications
   Graphics Cards
   Notebook Computers
   Computer Motherboard Systems
   Desktop Computers
   Workstations




Similar Part No. - MAX6638

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX663 MAXIM-MAX663 Datasheet
364Kb / 8P
Dual Mode??5V/Programmable Vicropower Voltage Regulators
Rev 1; 7/96
MAX6630 MAXIM-MAX6630 Datasheet
152Kb / 8P
12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX66300 MAXIM-MAX66300 Datasheet
5Mb / 26P
Protected Tag Solution with Peripheral Linking
Rev 1; 8/16
MAX66300EVKIT MAXIM-MAX66300EVKIT Datasheet
5Mb / 26P
Protected Tag Solution with Peripheral Linking
Rev 1; 8/16
logo
Analog Devices
MAX66301 AD-MAX66301 Datasheet
438Kb / 21P
DeepCover Secure Authenticator with SHA-3 and RFID Reader
Rev 0; 6/22
More results


Similar Description - MAX6638

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM87 NSC-LM87 Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Texas Instruments
THMC10 TI-THMC10 Datasheet
269Kb / 20P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
NCT80 ONSEMI-NCT80 Datasheet
274Kb / 28P
Hardware Monitor with I2C Serial Interface
July, 2012 ??Rev. 0
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com