Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V2052E Datasheet (PDF) - Renesas Technology Corp

IDT82V2052E Datasheet PDF - Renesas Technology Corp
Part # IDT82V2052E
Download  IDT82V2052E Download
File Size   887.68 Kbytes
Page   71 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT

IDT82V2052E Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT82V2052E Datasheet PDF - Renesas Technology Corp

Part # IDT82V2052E
Download  IDT82V2052E Click to download

File Size   887.68 Kbytes
Page   71 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT

IDT82V2052E Datasheet (HTML) - Renesas Technology Corp


IDT82V2052E Product details

FEATURES:
• Dual channel E1 short haul line interfaces
• Supports HPS (Hitless Protection Switching) for 1+1 protection
without external relays
• Single 3.3 V power supply with 5 V tolerance on digital interfaces
• Meets or exceeds specifications in
- ANSI T1.102
- ITU I.431, G.703, G.736, G.775 and G.823
- ETSI 300-166, 300-233 and TBR12/13
• Software programmable or hardware selectable on:
- Wave-shaping templates
- Line terminating impedance (E1: 75 Ω/120 Ω)
- Adjustment of arbitrary pulse shape
- JA (Jitter Attenuator) position (receive path or transmit path)
- Single rail/dual rail system interfaces
- HDB3/AMI line encoding/decoding
- Active edge of transmit clock (TCLK) and receive clock (RCLK)
- Active level of transmit data (TDATA) and receive data (RDATA)
- Receiver or transmitter power down
- High impedance setting for line drivers




Similar Part No. - IDT82V2052E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2052EPF IDT-IDT82V2052EPF Datasheet
1Mb / 70P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2052EPFG IDT-IDT82V2052EPFG Datasheet
1Mb / 70P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
More results


Similar Description - IDT82V2052E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83SL28 EXAR-XRT83SL28 Datasheet
917Kb / 47P
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216 Datasheet
940Kb / 41P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82P20516 IDT-IDT82P20516 Datasheet
1Mb / 115P
16-Channel Short Haul E1 Line Interface Unit
logo
Renesas Technology Corp
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com