Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V2108 Datasheet (PDF) - Renesas Technology Corp

IDT82V2108 Datasheet PDF - Renesas Technology Corp
Part # IDT82V2108
Download  IDT82V2108 Download
File Size   1386.06 Kbytes
Page   293 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description T1 / E1 / J1 Octal Framer

IDT82V2108 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT82V2108 Datasheet PDF - Renesas Technology Corp

Part # IDT82V2108
Download  IDT82V2108 Click to download

File Size   1386.06 Kbytes
Page   293 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description T1 / E1 / J1 Octal Framer

IDT82V2108 Datasheet (HTML) - Renesas Technology Corp


IDT82V2108 Product details

FEATURES
• Octal Framer supporting T1, E1 and J1 formats
• Provides programmable system interface to support Zarlink Semiconductor
Inc. ST-BUS®, AT&T® CHI and MVIP bus, supporting
data rates of 1.544, 2.048 & 8.192 Mb/s; up to four links can be
byte-interleaved on one system bus without external logic
• Provides up to three internal floating HDLC controllers for each
framer to support ISDN PRI and V5.X interface. Each HDLC contains
128-byte deep FIFOs in both receive and transmit directions
• Provides jitter attenuation performance exceeding the requirements
set by the associated standards for both Rx and Tx path
• Provides payload, line and digital loopbacks
• Provides a floating Pseudo Random Bit Sequence / repetitive pattern
generator/detector, which can be assigned to any one of eight
framers, the pattern may be inserted / detected on an unframed or
Nx64K or Nx56K (T1 only) basis
• Provides signaling insertion / extraction for CCS / CAS and RBS
signaling system
• Provides programmable codes insertion, data / sign inversion and
digital milliwatt code insertion on a per channel / timeslot basis
• Supports automatic / manual alarming transmit and integration
• Provides performance monitor to count CRC error, framing bit error,
far end block CRC error (E1), out of frame event (T1/J1) and
change of frame alignment event (T1/J1)
• Provides programmable Inband Loopback Code transmitter/
receiver, Bit Oriented Message generator/detector
• Supports polled or interrupt driven processing for all events
• Supports multiplexed or non-multiplexed address/data bus MPU
interface for configuration, control and status monitoring
• JTAG boundary scan meets IEEE 1149.1
• Low power 3.3 V CMOS technology with 5 V tolerant inputs
• Operating industrial temperature range: -40 °C to +85 °C
• Package available: 128 pin PQFP
144 pin PBGA
Green Package Option available




Similar Part No. - IDT82V2108

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
IDT82V2108BB IDT-IDT82V2108BB Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
IDT82V2108PX IDT-IDT82V2108PX Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
More results


Similar Description - IDT82V2108

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
Octal T1/E1/J1 Framer
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
OCTAL T1/E1/J1 FRAMER
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38IB329-F EXAR-XRT86VX38IB329-F Datasheet
382Kb / 61P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com