Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82V3012PV Datasheet (PDF) - Renesas Technology Corp

82V3012PV Datasheet PDF - Renesas Technology Corp
Part # 82V3012PV
Download  82V3012PV Download
File Size   633.57 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS

82V3012PV Datasheet (PDF)

Go To PDF Page Download Datasheet
82V3012PV Datasheet PDF - Renesas Technology Corp

Part # 82V3012PV
Download  82V3012PV Click to download

File Size   633.57 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS

82V3012PV Datasheet (HTML) - Renesas Technology Corp


82V3012PV Product details

FEATURES
• Supports AT&T TR62411 and Telcordia GR-1244-CORE Stratum
3, Stratum 4 Enhanced and Stratum 4 timing for DS1 interfaces
• Supports ITU-T G.813 Option 1 clocks
• Supports ITU-T G.812 Type IV clocks
• Supports ETSI ETS 300 011, TBR 4, TBR 12 and TBR 13 timing
for E1 interface
• Selectable reference inputs: 8 kHz, 1.544 MHz, 2.048 MHz or 19.44 MHz
• Accepts two independent reference inputs which may have
same or different nominal frequencies applied to them
• Provides C1.5o, C3o, C2o, C4o, C6o, C8o, C16o, C19o and C32o
output clock signals
• Provides 7 types of 8 kHz framing pulses: F0o, F8o, F16o, F19o,
F32o, RSP and TSP




Similar Part No. - 82V3012PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
More results


Similar Description - 82V3012PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3011 IDT-IDT82V3011 Datasheet
403Kb / 30P
T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
IDT82V3155 IDT-IDT82V3155 Datasheet
423Kb / 30P
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
IDT82V3002A IDT-IDT82V3002A Datasheet
390Kb / 28P
WAN PLL WITH DUAL REFERENCE INPUTS
IDT82V3010 IDT-IDT82V3010 Datasheet
391Kb / 31P
T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
82V3155 IDT-82V3155 Datasheet
397Kb / 34P
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
82V3155 RENESAS-82V3155 Datasheet
576Kb / 35P
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
January 11, 2017
IDT82V3002A RENESAS-IDT82V3002A Datasheet
1Mb / 30P
WAN PLL WITH DUAL REFERENCE INPUTS
October 15, 2008
IDT82V3010 RENESAS-IDT82V3010 Datasheet
171Kb / 31P
T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
November 14, 2012
IDT82V3011 RENESAS-IDT82V3011 Datasheet
516Kb / 32P
T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
May 24, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com