Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC32336 Datasheet (PDF) - Renesas Technology Corp

RC32336 Datasheet PDF - Renesas Technology Corp
Part # RC32336
Download  RC32336 Download
File Size   783.68 Kbytes
Page   45 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor

RC32336 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC32336 Datasheet PDF - Renesas Technology Corp

Part # RC32336
Download  RC32336 Click to download

File Size   783.68 Kbytes
Page   45 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor

RC32336 Datasheet (HTML) - Renesas Technology Corp


RC32336 Product details

Device Overview
The RC32336 device is a member of the IDT™ Interprise™ family of
integrated communications processors. It provides an effective solution
for small office/home office (SOHO) applications including gateways and
both single-band and dual-band wireless access points. Featuring a
MIPS compatible CPU core, the device also includes a memory
controller supporting SDRAM memory, a PCI interface featuring an onchip
arbiter to support up to three external devices, a PCMCIA interface
that supports a single I/O device, and two integrated on-chip 10/100
Ethernet MACs to enable WAN and LAN connectivity.
The key features of the RC32336 enable SOHO applications at
unmatched price/performance points. The MIPS-compatible CPU core
has the required bandwidth to enable a WAP application with the latest
wireless security protocols, WPA and 802.11i, which include the enterprise-
level user authentication schemes 802.1x and Extensible Authentication
Protocol (EAP). The ability to connect and support the bandwidth
requirements of one or two WLAN modules is made possible by the high
bandwidth PCI and PCMCIA interfaces. Also, the device has been architected
to provide high speed LAN to WAN routing bandwidth through the
Ethernet MACs while simultaneously driving data through the other onchip
interfaces.
Features List
 RC32300 32-bit CPU core
– 32-bit MIPS instruction set
– Supports big or little endian operation
– MMU
– 16-entry TLB
– Supports variable page sizes and enhanced write algorithm
– Supports variable number of locked entries
– 8KB Instruction Cache
– 2-way set associative
– LRU replacement algorithm
– 4 word line size
– Sub-block ordering
– Word parity
– Per line cache locking
– 2KB Data Cache
– 2-way set associative
– LRU replacement algorithm
– 4 word line size
– Sub-block ordering
– Byte parity
– Per line cache locking
– Can be programmed on a page basis to implement writethrough
no write allocate, write-through write allocate, or
write-back algorithms
– Enhanced EJTAG and JTAG Interfaces
– Compatible with IEEE Std. 1149.1-1990




Similar Part No. - RC32336

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC32308 RENESAS-RC32308 Datasheet
929Kb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Nov 17, 2025
RC32308 RENESAS-RC32308 Datasheet
1Mb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Rev.1.17 May 8, 2026
RC32308 RENESAS-RC32308 Datasheet
1Mb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Rev.1.18 Jul 15, 2026
RC32308A000GNE#BB0 RENESAS-RC32308A000GNE#BB0 Datasheet
929Kb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Nov 17, 2025
RC32308A000GNE#BB0 RENESAS-RC32308A000GNE#BB0 Datasheet
1Mb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Rev.1.17 May 8, 2026
More results


Similar Description - RC32336

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
IDTTM InterpriseTM Integrated Communications Processor
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
IDTTM InterpriseTM Integrated Communications Processor
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com