Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1418052 Datasheet (PDF) - PHOENIX CONTACT

1418052 Datasheet PDF - PHOENIX CONTACT
Part # 1418052
Download  1418052 Download
File Size   399.37 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FST-4CON-PG 9-M - Power connector

1418052 Datasheet (PDF)

Go To PDF Page Download Datasheet
1418052 Datasheet PDF - PHOENIX CONTACT

Part # 1418052
Download  1418052 Click to download

File Size   399.37 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FST-4CON-PG 9-M - Power connector

1418052 Datasheet (HTML) - PHOENIX CONTACT


1418052 Product details

Power connector, 4-position, unshielded, Socket straight M12, T, Screw connection, knurl
material: Zinc die-cast, nickel-plated, cable gland Pg9, external cable diameter 6 mm ... 8 mm,
For direct current up to 12 A/63 V

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors
• High-performance: DC connectors for up to 12 A and 63 V DC
• Protection against incorrect connection using special T-coding




Similar Part No. - 1418052

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1418053 PHOENIX-1418053 Datasheet
1Mb / 12P
SAC-5P-15,0-542/M12FS SH BK - Sensor/actuator cable
1418054 PHOENIX-1418054 Datasheet
1Mb / 12P
SAC-5P-20,0-542/M12FS SH BK - Sensor/actuator cable
1418056 PHOENIX-1418056 Datasheet
556Kb / 18P
SAC-8P-20,0-542/M12FR BK - Sensor/actuator cable
1418058 PHOENIX-1418058 Datasheet
559Kb / 18P
SAC-8P-15,0-542/M12FS BK - Sensor/actuator cable
1418059 PHOENIX-1418059 Datasheet
559Kb / 18P
SAC-8P-20,0-542/M12FS BK - Sensor/actuator cable
More results


Similar Description - 1418052

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1515170 PHOENIX-1515170 Datasheet
98Kb / 3P
SACC-M12FS-4CON-PG 9-SH
1521261 PHOENIX-1521261 Datasheet
152Kb / 4P
SACC-M12MSD-4CON-PG 9-SH
1521326 PHOENIX-1521326 Datasheet
325Kb / 6P
Connector - SACC-MINMS-4CON-PG 9
1521342 PHOENIX-1521342 Datasheet
332Kb / 6P
Connector - SACC-MINFS-4CON-PG 9
1521494 PHOENIX-1521494 Datasheet
367Kb / 6P
Connector - SACC-MINFR-4CON-PG 9
1553174 PHOENIX-1553174 Datasheet
252Kb / 6P
Connector - SACC-M12MS-4CON-PG 9-VA
1696439 PHOENIX-1696439 Datasheet
293Kb / 7P
Connector - SACC-M12FS-4CON-PG 9-M
1501540 PHOENIX-1501540 Datasheet
364Kb / 6P
Connector - SACC-M12MS-4CON-PG 9-SH
02/04/2022
1521481 PHOENIX-1521481 Datasheet
476Kb / 12P
SACC-MINMR-4CON-PG 9 - Connector
1553226 PHOENIX-1553226 Datasheet
402Kb / 13P
SACC-M12MR-4CON-PG 9-VA - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com