Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMST2907A Datasheet (PDF) - Nexperia B.V. All rights reserved

PMST2907A Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMST2907A
Download  PMST2907A Download
File Size   663.25 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 600 mA PNP switching transistor

PMST2907A Datasheet (PDF)

Go To PDF Page Download Datasheet
PMST2907A Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMST2907A
Download  PMST2907A Click to download

File Size   663.25 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 600 mA PNP switching transistor

PMST2907A Datasheet (HTML) - Nexperia B.V. All rights reserved


PMST2907A Product details

1. General description
PNP switching transistor in a very small SOT323 (SC-70) Surface-Mounted Device (SMD) plastic
package.
NPN complement: PMST2222A
2. Features and benefits
• General purpose switching transistor
• AEC-Q101 qualified
3. Applications
• Switching and linear amplification




Similar Part No. - PMST2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
More results


Similar Description - PMST2907A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT700D-28Q SSDI-SFT700D-28Q Datasheet
228Kb / 2P
DUAL 800 mA 75 V-NPN DUAL 600 mA 60 V-PNP TRANSISTOR
logo
NXP Semiconductors
PZT4403 NXP-PZT4403_10 Datasheet
102Kb / 9P
40 V, 600 mA PNP switching transistor
Rev. 03-2 March 2010
logo
Nexperia B.V. All right...
PMBT2907 NEXPERIA-PMBT2907 Datasheet
736Kb / 14P
40V, 600 mA, PNP switching transistor
6 March 2015
PMBT2907AM NEXPERIA-PMBT2907AM Datasheet
222Kb / 13P
60 V, 600 mA PNP switching transistor
21 September 2018
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
60 V, 600 mA PNP switching transistor
21 September 2018
PMBT2907AQA NEXPERIA-PMBT2907AQA Datasheet
244Kb / 14P
60V, 600 mA PNP switching transistor
21 September 2018
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
40 V, 600 mA, PNP switching transistor
5 March 2015
PMST4403 NEXPERIA-PMST4403 Datasheet
815Kb / 13P
40 V, 600 mA PNP switching transistor
1 August 2016
PXT2907A NEXPERIA-PXT2907A Datasheet
720Kb / 15P
60 V, 600 mA, PNP switching transistor
3 August 2015
PZT4403 NEXPERIA-PZT4403 Datasheet
638Kb / 9P
40 V, 600 mA PNP switching transistor
Rev. 03 - 2 March 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com