| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
BC817
|
245Kb / 19P |
45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009 |
|
BC817-25QA
|
211Kb / 15P |
45 V, 500 mA NPN general-purpose transistors
Rev. 1-3 September 2013 |
 Nexperia B.V. All right... |
BC817K
|
350Kb / 24P |
45 V, 500 mA NPN general-purpose transistors
|
|
BC816_SER
|
249Kb / 12P |
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 5 November 2019 |
|
BC817-25QA
|
879Kb / 15P |
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013 |
|
BC817K_SER
|
350Kb / 24P |
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018 |
|
BC817QB-Q_SER
|
331Kb / 14P |
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021 |
|
BC817QBH-Q_SER
|
318Kb / 13P |
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 25 January 2022 |
|
BC817QC-Q_SER
|
334Kb / 14P |
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021 |
|
BC817W_SER
|
319Kb / 13P |
45 V, 500 mA NPN general-purpose transistors
Rev. 8 - 1 July 2022 |