Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQMD12 Datasheet (PDF) - Nexperia B.V. All rights reserved

PQMD12 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PQMD12
Download  PQMD12 Download
File Size   689.67 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ

PQMD12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQMD12 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PQMD12
Download  PQMD12 Click to download

File Size   689.67 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ

PQMD12 Datasheet (HTML) - Nexperia B.V. All rights reserved


PQMD12 Product details

1. General description
NPN/PNP double Resistor-Equipped Transistors (RET) in a leadless ultra small
DFN1010B-6 (SOT1216) Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Low package height of 0.37 mm
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified
3. Applications
• Low current peripheral driver
• Control of IC inputs
• Replaces general-purpose transistors in digital applications
• Mobile applications




Similar Part No. - PQMD12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PQMD12 NXP-PQMD12 Datasheet
207Kb / 13P
NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
24 July 2013
More results


Similar Description - PQMD12

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC124X_SER NEXPERIA-PDTC124X_SER Datasheet
260Kb / 13P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC144V_SER NEXPERIA-PDTC144V_SER Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTC144W_SERIES NEXPERIA-PDTC144W_SERIES Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PDTA143ZMB NEXPERIA-PDTA143ZMB Datasheet
837Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
Rev. 1 - 29 June 2012
PDTA144W_SERIES NEXPERIA-PDTA144W_SERIES Datasheet
420Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
PUMB13-Q NEXPERIA-PUMB13-Q Datasheet
235Kb / 12P
PNP/PNP resistor-equipped double transistors; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
PUMD12-Q NEXPERIA-PUMD12-Q Datasheet
277Kb / 15P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
16 December 2021
PUMD48-Q NEXPERIA-PUMD48-Q Datasheet
253Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
PDTC144W_SER NEXPERIA-PDTC144W_SER Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PIMH9 NEXPERIA-PIMH9 Datasheet
221Kb / 11P
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ
12 August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com