Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGC1081 Datasheet (PDF) - Infineon Technologies AG

NGC1081 Datasheet PDF - Infineon Technologies AG
Part # NGC1081
Download  NGC1081 Download
File Size   373.37 Kbytes
Page   32 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description This section provides the pin description of NGC1081.

NGC1081 Datasheet (PDF)

Go To PDF Page Download Datasheet
NGC1081 Datasheet PDF - Infineon Technologies AG

Part # NGC1081
Download  NGC1081 Click to download

File Size   373.37 Kbytes
Page   32 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description This section provides the pin description of NGC1081.

NGC1081 Datasheet (HTML) - Infineon Technologies AG


NGC1081 Product details

Features
NGC1081 is an IC, suitable and optimized for NFC communication controlled actuation and
sensing. It contains a NFC transceiver, an actuation interface, a sensing unit, a microcontroller
and wired communication interfaces. NGC1081 is available in a 32-pin package.
The chip can operate in two different power supply modes:
• active supply mode:
- The chip is supplied by an external 3V power supply source (e.g. battery).
• passive supply mode:
- The chip is harvesting energy from the external NFC RF field. No additional external supply
source is required. Of course, operation of the chip requires the presence of the NFC field in this
use case. The chip can charge external capacitors, in order to store harvested energy. External
storing capacitors can be used to store the required amount of energy to initiate an actuation
action (e.g. to drive a motor).
Main product features are:
• contact-less communication interface NFC
- PICC according to ISO/ IEC 14443 Type A
- data rate 106 kBit/s
- initialization and anti-collision protocol processed in firmware
- proprietary and customizable application protocol optimized for end custom applications
• Integrated microcontroller
- 32-bit ARM Cortex-M0 CPU operating at clock frequency of 28 MHz
- nested vector interrupt controller with 18 interrupts
- integrated system tick timer (SysTick)
- MicroDMA with 8 DMA channels
- 16 kByte integrated ROM containing start-up code and system development kit software library
- 16 kByte integrated SRAM
- 60 kByte integrated non volatile flash memory
- Serial Wire Debug interface
- multilayer AHB-Lite on chip interconnect
• Digital Peripherals
- Up to 16 programmable and configurable General Purpose Input/ Outputs (GPIO)
- System Timer Unit containing six independent timer channels and PWM generator
- watchdog timer
- arithmetic divide operation hardware accelerator
- full duplex capable UART transceiver with Rx/ Tx FIFOs
- SPI master/ slave transceiver with Rx/ Tx FIFOs
- AES accelerator
- I²C master/ slave transceiver
- Real Time Clock
• Actuation interface
- integrated H-Bridge driver capable to direct drive a motor up to peak current of 250 mA
- ability to control an external H-bridge driver IC by applying gate drive control signals to GPIO
• Sensing Interface
- Analog to Digital Converter (12-Bit SAR) with four different Input channels
- Digital to Analog Converter (10-Bit)
- Comparator
- Current to Voltage Converter
- integrated high precision temperature sensor
-
• embedded Security
- embedded AES hardware accelerator
- True Random Number Generator (TRNG)
• Power Management
- Ultra Low Power power saving Mode available
- chip supply for almost all parts of the chip is switched off, except a small always-on power
domain
- entering power saving mode and configuring wake up sources is controlled by embedded
software
- chip can wake up by either detecting an external NFC RF field, expiration of an internal wake
Up Timer or an external trigger event on a dedicated pin
- software controlled CPU idle mode
- CPU clock control by software
- dedicated and software controlled switchable LDOs for sensing unit and flash memory
• Clock Generation
- integrated 28 MHz oscillator for internal system clock generation
- integrated ultra low power 32 kHz oscillator for "always on" standby clock generation
- integrated oscillator pads to support external 32 kHz crystal
• Power Supply modes
- passive supply Mode
- energy is harvested from the external NFC RF field and the power supply of the chip is
derived from the harvested energy
- no external supply source apart from the NFC RF field required
- active supply mode
- the chip is supplied by an external supply source and operational, if no NFC field is applied
• Product qualified according to JEDEC Standard





Similar Description - NGC1081

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908JB12 FREESCALE-MC68HC908JB12 Datasheet
649Kb / 12P
This section updates data sheet information and introduces the 20-pin SOIC
MC12311CHN FREESCALE-MC12311CHN Datasheet
592Kb / 40P
This section provides a simplified block diagram and highlights MC12311 features
MCF5272VM66 FREESCALE-MCF5272VM66 Datasheet
331Kb / 12P
This document provides an overview of the MCF5272 microprocessor features, including the major functional components.
logo
Altera Corporation
EP3C55F780I7 ALTERA-EP3C55F780I7 Datasheet
7Mb / 274P
This section provides a complete overview of all features relating to the Cyclone III device family
EP4SE360F35I4 ALTERA-EP4SE360F35I4 Datasheet
10Mb / 432P
This section provides a complete overview of all features relating to the Stratix IV device family, which is the most architecturlly advanced
logo
STMicroelectronics
AN4041 STMICROELECTRONICS-AN4041 Datasheet
1Mb / 14P
The purpose of this application note is to give a brief description
06-Sep-2012
AN3288 STMICROELECTRONICS-AN3288 Datasheet
1Mb / 27P
The purpose of this application note is to provide an accurate description
13-Dec-2010
UM1695 STMICROELECTRONICS-UM1695 Datasheet
571Kb / 46P
This document provides a detailed description
21-May-2015
logo
Xilinx, Inc
OPB16450UART XILINX-OPB16450UART Datasheet
535Kb / 15P
This document provides the specification
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com