Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9371VSJ Datasheet (PDF) - Infineon Technologies AG

TLE9371VSJ Datasheet PDF - Infineon Technologies AG
Part # TLE9371VSJ
Download  TLE9371VSJ Download
File Size   994.39 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description CAN signal improvement transceiver

TLE9371VSJ Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE9371VSJ Datasheet PDF - Infineon Technologies AG

Part # TLE9371VSJ
Download  TLE9371VSJ Click to download

File Size   994.39 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description CAN signal improvement transceiver

TLE9371VSJ Datasheet (HTML) - Infineon Technologies AG


TLE9371VSJ Product details

Features
• Compliant to ISO 11898-2:2016, SAE J2284-4/-5
• Tx-based CAN FD SIC according to CiA 601-4
• Loop delay symmetry for CAN FD data frames up to 8 Mbit/s
• VIO input for voltage adaption to the microcontroller interface (3.3 V or 5 V)
• Standby mode with minimized quiescent current
• Transmitter supply VCC can be turned off in standby mode for additional
quiescent current savings
• Wake-up indication on the RxD output
• Wide common mode range for electromagnetic immunity (EMI)
• Excellent ESD robustness ±8 kV HBM and IEC 61000-4-2
• CAN short circuit proof to ground, battery, VCC and VIO
• TxD timeout function
• Very low CAN bus leakage current in power-down state
• Overtemperature protection
• Protected against automotive transients according to ISO 7637 and SAE J2962-2
• Green Product (RoHS compliant)




Similar Part No. - TLE9371VSJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9350SJ INFINEON-TLE9350SJ Datasheet
880Kb / 30P
High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9350VSJ INFINEON-TLE9350VSJ Datasheet
912Kb / 30P
High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9350XSJ INFINEON-TLE9350XSJ Datasheet
910Kb / 30P
High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9351SJ INFINEON-TLE9351SJ Datasheet
922Kb / 31P
High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9351VSJ INFINEON-TLE9351VSJ Datasheet
973Kb / 32P
High speed CAN FD transceiver
Rev. 1.0 2020-11-06
More results


Similar Description - TLE9371VSJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4670 PHILIPS-TDA4670 Datasheet
107Kb / 16P
Picture Signal Improvement PSI circuit
1996 Dec 11
TDA4671 PHILIPS-TDA4671 Datasheet
152Kb / 16P
Picture Signal Improvement PSI circuit
1996 Dec 11
logo
Analog Devices
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
Signal Isolated CAN FD Transceiver
12/2018-Revision 0
logo
NXP Semiconductors
TJA1463 NXP-TJA1463 Datasheet
425Kb / 37P
CAN FD signal improvement transceiver with Sleep mode
logo
Texas Instruments
TCAN1463-Q1 TI-TCAN1463-Q1 Datasheet
1Mb / 12P
TCAN1463-Q1 Low-Power Signal Improvement CAN FD Transceiver with INH and WAKE
TCAN1462-Q1 TI-TCAN1462-Q1 Datasheet
998Kb / 18P
TCAN1462-Q1 and TCAN1462V-Q1 Fault-Protected CAN FD Transceiver with Signal Improvement Capability (SIC) and Standby Mode
FEBRUARY 2022
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
logo
Texas Instruments
TCAN1463-Q1 TI-TCAN1463-Q1_V01 Datasheet
2Mb / 55P
TCAN1463-Q1 Automotive Signal Improvement Capable CAN FD Transceiver With Sleep Mode
REVISED JULY 2022
TCAN1463-Q1 TI-TCAN1463-Q1_V02 Datasheet
2Mb / 55P
TCAN1463-Q1 Automotive Signal Improvement Capable CAN FD Transceiver With Sleep Mode
REVISED NOVEMBER 2022
TCAN1463-Q1 TI1-TCAN1463-Q1_V03 Datasheet
2Mb / 55P
TCAN1463-Q1 Automotive Signal Improvement Capable CAN FD Transceiver With Sleep Mode
REVISED DECEMBER 2022
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com