Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8741004BGILF Datasheet (PDF) - Renesas Technology Corp

8741004BGILF Datasheet PDF - Renesas Technology Corp
Part # 8741004BGILF
Download  8741004BGILF Download
File Size   633.46 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator

8741004BGILF Datasheet (PDF)

Go To PDF Page Download Datasheet
8741004BGILF Datasheet PDF - Renesas Technology Corp

Part # 8741004BGILF
Download  8741004BGILF Click to download

File Size   633.46 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator

8741004BGILF Datasheet (HTML) - Renesas Technology Corp


8741004BGILF Product details

Features
• Two LVDS and two 0.7V differential output pairs
Bank A has two LVDS output pairs and
Bank B has two 0.7V differential output pairs
• One differential clock input pair
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 98MHz - 160MHz
• Input frequency range: 98MHz - 128MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-cycle jitter: 35ps (maximum)
• Full 3.3V operating supply
• Three bandwidth modes allow the system designer to make jitter
attenuation/tracking skew design trade-offs
• -40°C to 85°C ambient operating temperature
• Available in lead-free packages




Similar Part No. - 8741004BGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8741004BGILF IDT-8741004BGILF Datasheet
1Mb / 20P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
8741004BGILFT IDT-8741004BGILFT Datasheet
1Mb / 20P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
More results


Similar Description - 8741004BGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
874003DI-02 RENESAS-874003DI-02 Datasheet
634Kb / 17P
PCI Express™ Jitter Attenuator
7/17/15
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com