Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89HPES16H16 Datasheet (PDF) - Renesas Technology Corp

89HPES16H16 Datasheet PDF - Renesas Technology Corp
Part # 89HPES16H16
Download  89HPES16H16 Download
File Size   472.65 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Lane 16-Port PCI Express® Switch

89HPES16H16 Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES16H16 Datasheet PDF - Renesas Technology Corp

Part # 89HPES16H16
Download  89HPES16H16 Click to download

File Size   472.65 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Lane 16-Port PCI Express® Switch

89HPES16H16 Datasheet (HTML) - Renesas Technology Corp


89HPES16H16 Product details

Features
◆ High Performance PCI Express Switch
– Sixteen maximum switch ports
• Sixteen x1 ports
– Sixteen 2.5 Gbps embedded SerDes
• Supports pre-emphasis and receive equalization on per-port
basis
– Delivers 64 Gbps (8 GBps) of aggregate switching capacity
– Low-latency cut-through switch architecture
– Support for Max Payload Size up to 2048 bytes
– Supports two virtual channels and eight traffic classes
– PCI Express Base Specification Revision 1.1 compliant
◆ Flexible Architecture with Numerous Configuration Options
– Port arbitration schemes utilizing round robin algorithms
– Virtual channels arbitration based on priority
– Automatic polarity inversion on all lanes
– Supports locked transactions, allowing use with legacy software
– Ability to load device configuration from serial EEPROM
– Ability to control device via SMBus
◆ Highly Integrated Solution
– Requires no external components
– Incorporates on-chip internal memory for packet buffering and
queueing
– Integrates sixteen 2.5 Gbps embedded full duplex SerDes, 8B/
10B encoder/decoder (no separate transceivers needed)
◆ Reliability, Availability, and Serviceability (RAS) Features
– Redundant upstream port failover capability
– Supports optional PCI Express end-to-end CRC checking
– Internal end-to-end parity protection on all TLPs ensures data
integrity even in systems that do not implement end-to-end
CRC (ECRC)
– Supports optional PCI Express Advanced Error Reporting




Similar Part No. - 89HPES16H16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES16H16 IDT-89HPES16H16 Datasheet
279Kb / 36P
Low-latency cut-through switch architecture
More results


Similar Description - 89HPES16H16

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8618 PLX-PEX8618 Datasheet
735Kb / 4P
Flexible & Versatile 16-lane 16-port PCI Express Switch
PEX8619 PLX-PEX8619 Datasheet
1Mb / 4P
Flexible & Versatile 16-lane 16-port PCI Express Switch
logo
Renesas Technology Corp
PES16NT2 RENESAS-PES16NT2 Datasheet
1Mb / 30P
16-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
89HPES16T4 RENESAS-89HPES16T4 Datasheet
983Kb / 32P
16-Lane 4-Port PCI Express® Switch
March 25, 2008
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
16-Lane 7-Port PCI Express® Switch
March 25, 2008
89HPES22H16 RENESAS-89HPES22H16 Datasheet
470Kb / 38P
22-Lane 16-Port PCI Express® Switch
October 3, 2011
89HPES34H16 RENESAS-89HPES34H16 Datasheet
611Kb / 46P
34-Lane 16-Port PCI Express® Switch
October 3, 2011
89HPES64H16 RENESAS-89HPES64H16 Datasheet
623Kb / 50P
64-Lane 16-Port PCI Express® System Interconnect Switch
September 28, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com