Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

797582129 Datasheet (PDF) - Molex Electronics Ltd.

797582129 Datasheet PDF - Molex Electronics Ltd.
Part # 797582129
Download  797582129 Download
File Size   147.38 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description NANOFIT GOLD PLATED 150MM 20AWG

797582129 Datasheet (PDF)

Go To PDF Page Download Datasheet
797582129 Datasheet PDF - Molex Electronics Ltd.

Part # 797582129
Download  797582129 Click to download

File Size   147.38 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description NANOFIT GOLD PLATED 150MM 20AWG

797582129 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 797582129

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
797582129 MOLEX-797582129 Datasheet
539Kb / 3P
Pre-Crimped Leads
2019.09
More results


Similar Description - 797582129

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SSL11-J4LJ0 DBLECTRO-SSL11-J4LJ0 Datasheet
166Kb / 2P
termoplastic, Gold plated
SSL11-P4LP0 DBLECTRO-SSL11-P4LP0 Datasheet
247Kb / 3P
termoplastic, gold plated
SSL11-P6L2P DBLECTRO-SSL11-P6L2P Datasheet
207Kb / 2P
termoplastic, gold plated
SSL11-P6LP0 DBLECTRO-SSL11-P6LP0 Datasheet
174Kb / 2P
Termoplastic, Gold Plated
logo
Molex Electronics Ltd.
797581148 MOLEX-797581148 Datasheet
136Kb / 1P
MICROLOCK PLUS TIN PLATED 150MM 26AWG
2019/05/14
797582143 MOLEX-797582143 Datasheet
137Kb / 1P
MICROLOCK PLUS GOLD PLATED 150MM 26AWG
2019/05/14
797581095 MOLEX-797581095 Datasheet
140Kb / 1P
MILLIGRID GOLD PLATED 150MM 24AWG
2019/05/14
797582139 MOLEX-797582139 Datasheet
147Kb / 1P
NANO FIT TIN PLATED 150MM 20AWG
2019/05/14
797582145 MOLEX-797582145 Datasheet
154Kb / 1P
LINK396 TIN PLATED 150MM 18AWG
2019/05/21
797582147 MOLEX-797582147 Datasheet
136Kb / 1P
MINILOCK TIN PLATED 150MM 22AWG
2019/06/11
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com