Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

875015119005 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

875015119005 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 875015119005
Download  875015119005 Download
File Size   559.62 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-PHGP Aluminum Polymer Capacitors

875015119005 Datasheet (PDF)

Go To PDF Page Download Datasheet
875015119005 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 875015119005
Download  875015119005 Click to download

File Size   559.62 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-PHGP Aluminum Polymer Capacitors

875015119005 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


875015119005 Product details

General Information:
Aluminum Polymer Capacitors
Storage Conditions
(in original packaging) 5 °C up to + 30 °C; 10 % up to 70 % RH
Operating Temperature -55 up to +105 °C
Endurance 2000 h
Moisture Sensitivity Level (MSL) 3
Test conditions of Electrical Properties: +20 °C, 35 % RH if not specified differently
FIT according to separate documentation
Surge Voltage: Charging time 30s, discharging time 330s for a cycle




Similar Part No. - 875015119005

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
875015119003 WURTH-875015119003 Datasheet
463Kb / 8P
WCAP-PHGP Aluminum Polymer Capacitors
001.000
875015119004 WURTH-875015119004 Datasheet
463Kb / 8P
WCAP-PHGP Aluminum Polymer Capacitors
001.000
875015119006 WURTH-875015119006 Datasheet
463Kb / 8P
WCAP-PHGP Aluminum Polymer Capacitors
001.000
More results


Similar Description - 875015119005

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
875015119006 WURTH-875015119006 Datasheet
463Kb / 8P
WCAP-PHGP Aluminum Polymer Capacitors
001.000
875015119003 WURTH-875015119003 Datasheet
463Kb / 8P
WCAP-PHGP Aluminum Polymer Capacitors
001.000
875015019003 WURTH-875015019003 Datasheet
462Kb / 8P
WCAP-PHGP Aluminum Polymer Capacitors
001.000
875015119004 WURTH-875015119004 Datasheet
463Kb / 8P
WCAP-PHGP Aluminum Polymer Capacitors
001.000
875016219006 WURTH-875016219006 Datasheet
462Kb / 8P
WCAP-PHGP Aluminum Polymer Capacitors
001.000
875016319003 WURTH-875016319003 Datasheet
462Kb / 8P
WCAP-PHGP Aluminum Polymer Capacitors
001.000
875015019004 WURTH-875015019004 Datasheet
559Kb / 9P
WCAP-PHGP Aluminum Polymer Capacitors
003.000
875015019005 WURTH-875015019005 Datasheet
559Kb / 9P
WCAP-PHGP Aluminum Polymer Capacitors
003.000
875016319002 WURTH-875016319002 Datasheet
559Kb / 9P
WCAP-PHGP Aluminum Polymer Capacitors
003.000
875016319004 WURTH-875016319004 Datasheet
559Kb / 9P
WCAP-PHGP Aluminum Polymer Capacitors
003.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com