Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M60032KVCK Datasheet (PDF) - MTRONPTI

M60032KVCK Datasheet PDF - MTRONPTI
Part # M60032KVCK
Download  M60032KVCK Download
File Size   329.76 Kbytes
Page   1 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description 9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO

M60032KVCK Datasheet (PDF)

Go To PDF Page Download Datasheet
M60032KVCK Datasheet PDF - MTRONPTI

Part # M60032KVCK
Download  M60032KVCK Click to download

File Size   329.76 Kbytes
Page   1 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description 9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO

M60032KVCK Datasheet (HTML) - MTRONPTI


M60032KVCK Product details

MtronPTI is one of the first companies to introduce a family of low voltage, surface mount TCXO’s and VCTCXO’s (voltage controlled TCXO) that are designed to provide network and wireless engineers with products that offer tight stability and excellent aging characteristics. The M6001-6004 Series utilizes hermetically sealed crystals, along with a “low-aging” process, to achieve consistent, long-term stability and minimal frequency shift in the customer’s application after re-flow. With this process, a first year aging rate of less than 1 ppm is achievable. A stability of ± 0.5 ppm over 0°C to +70°C is available as well as stabilities ranging from ± 1 ppm to ± 4.6 ppm over -40°C to +85°C.

Features:
• Operating stabilities to ± 0.5 ppm
• Stratum III stability of ± 4.6 ppm (non holdover)

Applications:
• Ideal for Signal Processing, Military / Avionic Communiations, Flight Controls, WLAN, Basestations, DWDM, SERDES, SONET / SDH, 10G and 40G Ethernet applications.




Similar Part No. - M60032KVCK

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M60032KVC MTRONPTI-M60032KVC Datasheet
450Kb / 2P
9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and TCVCXO
M60032KVC-R MTRONPTI-M60032KVC-R Datasheet
450Kb / 2P
9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and TCVCXO
More results


Similar Description - M60032KVCK

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M7S MTRONPTI-M7S Datasheet
255Kb / 1P
9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
M6005 MTRONPTI-M6005 Datasheet
250Kb / 1P
9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6007 MTRONPTI-M6007 Datasheet
129Kb / 1P
9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
M7S_0611 MTRONPTI-M7S_0611 Datasheet
286Kb / 2P
9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
M6001 MTRONPTI-M6001_1 Datasheet
192Kb / 6P
9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO
M6005_0611 MTRONPTI-M6005_0611 Datasheet
280Kb / 2P
9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6007_0611 MTRONPTI-M6007_0611 Datasheet
283Kb / 2P
9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
M6001 MTRONPTI-M6001_07 Datasheet
450Kb / 2P
9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and TCVCXO
M6005 MTRONPTI-M6005_07 Datasheet
394Kb / 2P
9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6007 MTRONPTI-M6007_07 Datasheet
410Kb / 2P
9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com