Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

348R-22T Datasheet (PDF) - Renesas Technology Corp

348R-22T Datasheet PDF - Renesas Technology Corp
Part # 348R-22T
Download  348R-22T Download
File Size   203.46 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD PLL CLOCK SYNTHESIZER

348R-22T Datasheet (PDF)

Go To PDF Page Download Datasheet
348R-22T Datasheet PDF - Renesas Technology Corp

Part # 348R-22T
Download  348R-22T Click to download

File Size   203.46 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD PLL CLOCK SYNTHESIZER

348R-22T Datasheet (HTML) - Renesas Technology Corp


348R-22T Product details

Features
• Packaged as 20-pin SSOP (QSOP)
• Eight addressable registers
• Replaces multiple crystals and oscillators
• Output frequencies up to 189 MHz at 3.3 V
• Input crystal frequency of 25 MHz
• Up to nine reference outputs
• Up to two sets of four low-skew outputs
• Operating voltages of 3.3 V
• Advanced, low power CMOS process
• Available in Pb (lead) free packaging




Similar Part No. - 348R-22T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
348 LITTELFUSE-348 Datasheet
96Kb / 1P
Low Profile Snap Mount Type
logo
List of Unclassifed Man...
348 ETC2-348 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
348 ETC2-348 Datasheet
68Kb / 1P
WASHERS
logo
Littelfuse
348 LITTELFUSE-348 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Structured Cable Produc...
348 STRUCTURED-CABLE-348 Datasheet
2Mb / 1P
48 PORT LOADED - CAT5E UTP PATCH PANEL, 2RU
03/2021
More results


Similar Description - 348R-22T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
Programmable 1-PLL VCXO Clock Synthesizer
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
MK2704 RENESAS-MK2704 Datasheet
333Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com