Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

650R-14ILF Datasheet (PDF) - Renesas Technology Corp

650R-14ILF Datasheet PDF - Renesas Technology Corp
Part # 650R-14ILF
Download  650R-14ILF Download
File Size   367.09 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NETWORKING SYSTEM CLOCK

650R-14ILF Datasheet (PDF)

Go To PDF Page Download Datasheet
650R-14ILF Datasheet PDF - Renesas Technology Corp

Part # 650R-14ILF
Download  650R-14ILF Click to download

File Size   367.09 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NETWORKING SYSTEM CLOCK

650R-14ILF Datasheet (HTML) - Renesas Technology Corp


650R-14ILF Product details

Features
• Packaged in 20-pin (150 mil) SSOP (QSOP)
• 25 MHz fundamental crystal clock or clock input
• One fixed output clock of 25 MHz
• One bank of four frequency selectable output clocks
• Three frequency selectable clocks outputs
• Zero ppm synthesis error in all clocks
• Ideal for networking systems
• Full CMOS output swing
• Advanced, low-power sub-micron CMOS process
• Operating voltage of 3.3 V or 5 V
• Industrial temperature range available
• Pb-free, RoHS compliant package




Similar Part No. - 650R-14ILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
650R-11ILF RENESAS-650R-11ILF Datasheet
274Kb / 9P
NETWORKING CLOCK SYNTHESIZER
012313
650R-11ILFT RENESAS-650R-11ILFT Datasheet
274Kb / 9P
NETWORKING CLOCK SYNTHESIZER
012313
650R-12LF RENESAS-650R-12LF Datasheet
346Kb / 8P
MPEG CLOCK SYNTHESIZER
051310
650R-12LFT RENESAS-650R-12LFT Datasheet
346Kb / 8P
MPEG CLOCK SYNTHESIZER
051310
More results


Similar Description - 650R-14ILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS650-14B ICST-ICS650-14B Datasheet
45Kb / 4P
Networking System Clock
Revision 082800
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
Networking Clock Generator
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
NETWORKING CLOCK SYNTHESIZER
012313
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com