Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS670-02 Datasheet (PDF) - Renesas Technology Corp

ICS670-02 Datasheet PDF - Renesas Technology Corp
Part # ICS670-02
Download  ICS670-02 Download
File Size   342.69 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER

ICS670-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS670-02 Datasheet PDF - Renesas Technology Corp

Part # ICS670-02
Download  ICS670-02 Click to download

File Size   342.69 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER

ICS670-02 Datasheet (HTML) - Renesas Technology Corp


ICS670-02 Product details

Features
• Packaged in 16-pin SOIC
• Pb (lead) free package, RoHS compliant
• Clock inputs from 5 to 160 MHz (see page 2)
• Patented PLL with low phase noise
• Output clocks up to 160 MHz at 3.3 V
• 15 selectable on-chip multipliers
• Power down mode available
• Low phase noise: -111 dBc/Hz at 10 kHz
• Output enable function tri-states outputs
• Low jitter 15 ps one sigma
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3 V or 5 V
• Industrial temperature range available (-40 to +85°C)




Similar Part No. - ICS670-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
logo
Integrated Device Techn...
ICS670-02 IDT-ICS670-02 Datasheet
200Kb / 7P
Packaged in 16-pin SOIC
More results


Similar Description - ICS670-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS670-01 ICST-ICS670-01 Datasheet
84Kb / 5P
Low Phase Noise Zero Delay Buffer and Multiplier
Revision 100900
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
ICS670-03 RENESAS-ICS670-03 Datasheet
344Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com