Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT1G04GV Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCT1G04GV Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHCT1G04GV
Download  74AHCT1G04GV Download
File Size   222.71 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Inverter

74AHCT1G04GV Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT1G04GV Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHCT1G04GV
Download  74AHCT1G04GV Click to download

File Size   222.71 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Inverter

74AHCT1G04GV Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHCT1G04GV Product details

1. General description
The 74AHC1G04; 74AHCT1G04 is a single inverter. Inputs are overvoltage tolerant. This feature
allows the use of these devices as translators in mixed voltage environments.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2. Features and benefits
• Wide supply voltage range from 2.0 to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Symmetrical output impedance
• Balanced propagation delays
• Input levels:
• For 74AHC1G04: CMOS level
• For 74AHCT1G04: TTL level
• Multiple package options
• ESD protection:
• HBM JESD22-A114E: exceeds 2000 V
• MM JESD22-A115-A: exceeds 200 V
• CDM JESD22-C101C: exceeds 1000 V
• Specified from -40 °C to +125 °C




Similar Part No. - 74AHCT1G04GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G04GV PHILIPS-74AHCT1G04GV Datasheet
76Kb / 16P
Inverter
2003 Sep 04
logo
Nexperia B.V. All right...
74AHCT1G04GV NEXPERIA-74AHCT1G04GV Datasheet
247Kb / 13P
Inverter
Rev. 13 19 September 2024
74AHCT1G04GV NEXPERIA-74AHCT1G04GV Datasheet
77Kb / 11P
Inverter
Rev. 07 31 May 2007
74AHCT1G04GV-Q100 NEXPERIA-74AHCT1G04GV-Q100 Datasheet
201Kb / 11P
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
74AHCT1G04GV-Q100 NEXPERIA-74AHCT1G04GV-Q100 Datasheet
209Kb / 11P
Inverter
Rev. 3 - 11 January 2022
More results


Similar Description - 74AHCT1G04GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
INVERTER
logo
Toshiba Semiconductor
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
INVERTER
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
Inverter
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
INVERTER
logo
Renesas Technology Corp
RJP1CS04DWA RENESAS-RJP1CS04DWA_15 Datasheet
114Kb / 4P
Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com