Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G09 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC1G09 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC1G09
Download  74AHC1G09 Download
File Size   204.88 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input AND gate with open-drain output

74AHC1G09 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G09 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC1G09
Download  74AHC1G09 Click to download

File Size   204.88 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input AND gate with open-drain output

74AHC1G09 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC1G09 Product details

1. General description
The 74AHC1G09 is a single 2-input AND gate with open-drain output. Inputs are overvoltage
tolerant. This feature allows the use of these devices as translators in mixed voltage environments.
2. Features
• Wide supply voltage range from 2.0 to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• CMOS input levels
• SOT353-1 and SOT753 package options
• ESD protection:
• HBM JESD22-A114E: exceeds 2000 V
• MM JESD22-A115-A: exceeds 200 V
• CDM JESD22-C101C: exceeds 1000 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C.




Similar Part No. - 74AHC1G09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
2-input AND gate with open-drain output
Rev. 01-26 September 2005
74AHC1G09 NXP-74AHC1G09 Datasheet
74Kb / 10P
2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Diodes Incorporated
74AHC1G09 DIODES-74AHC1G09 Datasheet
335Kb / 9P
SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
Rev 2
logo
NXP Semiconductors
74AHC1G09-Q100 NXP-74AHC1G09-Q100 Datasheet
1Mb / 2P
NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
74AHC1G09-Q100 NEXPERIA-74AHC1G09-Q100 Datasheet
203Kb / 10P
2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
More results


Similar Description - 74AHC1G09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
2-input AND gate with open-drain output
Rev. 01-26 September 2005
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
2-Input AND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
2-Input AND Gate with Open Drain Output
logo
NXP Semiconductors
74AHC1G09 NXP-74AHC1G09 Datasheet
74Kb / 10P
2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09 Datasheet
174Kb / 5P
2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
U74AHC1G09 UTC-U74AHC1G09_15 Datasheet
170Kb / 5P
2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74AHC1G09-Q100 NEXPERIA-74AHC1G09-Q100 Datasheet
203Kb / 10P
2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com