Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16245 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVCH16245 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVCH16245
Download  74ALVCH16245 Download
File Size   232.23 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver with direction pin; 3-state

74ALVCH16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16245 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVCH16245
Download  74ALVCH16245 Click to download

File Size   232.23 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver with direction pin; 3-state

74ALVCH16245 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVCH16245 Product details

1. General description
The 74ALVC16245; 74ALVCH16245 is a 16-bit transceiver with 3-state outputs. The device can be
used as two 8-bit transceivers or one 16-bit transceiver. The device features two output enables
(1OE and 2OE) each controlling eight outputs, and two send/receive (1DIR and 2DIR) inputs for
direction control. A HIGH on nOE causes the outputs to assume a high-impedance OFF-state. This
device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables
the output, preventing the potentially damaging backflow current through the device when it is
powered down.
The 74ALVCH16245 has an active bushold circuitry which is provided to hold unused or floating
data inputs at a valid logic level. This feature eliminates the need for external pull-up or pull-down
resistors.
2. Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• MULTIBYTE flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimize noise and ground bounce
• Overvoltage tolerant inputs to 5.5 V
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• All data inputs have bushold (74ALVCH16245 only)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Output drive capability 50 Ω transmission lines at 85 °C
• Current drive ±24 mA at VCC = 3.0 V.
• Complies with JEDEC standards:
• JESD8-5 (2.3 V to 2.7 V)
• JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
• CDM JESD22-C101E exceeds 1000 V




Similar Part No. - 74ALVCH16245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16245 PHILIPS-74ALVCH16245 Datasheet
91Kb / 10P
2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
logo
ON Semiconductor
74ALVCH16245 ONSEMI-74ALVCH16245 Datasheet
139Kb / 12P
Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V(3-State, Non-Inverting)
September, 2002 ??Rev. 1
logo
STMicroelectronics
74ALVCH16245 STMICROELECTRONICS-74ALVCH16245 Datasheet
255Kb / 10P
LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
logo
NXP Semiconductors
74ALVCH16245DGG PHILIPS-74ALVCH16245DGG Datasheet
91Kb / 10P
2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
logo
Texas Instruments
74ALVCH16245DGGRG4 TI-74ALVCH16245DGGRG4 Datasheet
465Kb / 17P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74ALVCH16245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com